Electronic Components Datasheet Search
  English  ▼

X  

TC1202 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TC1202
Description  Super Low Noise GaAs FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC1202 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TC1202 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC1202 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC1202 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC1202 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TC1202
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
22
SMALL SIGNAL MODEL, VDS = 4 V, IDS = 25 mA
Cgs
Cgd
Cds
Rg
Rd
Rds
Ri
Rs
Gm
T
Lg
Ld
Ls
PARAMETERS
Parameters
Parameters
Lg
0.04473 nH
Rs
1.12 Ohm
Rg
0.79 Ohm Ls
0.0005 nH
Cgs
0.361 pF
Cds
0.0838 pF
Ri
1.47 Ohm Rds
193.0 Ohm
Cgd
0.0310 pF
Rd
0.920 Ohm
Gm
94.9 mS
Ld
0.0242 nH
T
2.13 psec
CHIP HANDLING
DIE ATTACHMENT: Conductive epoxy or eutectic die attach is recommended. Eutectic die attach can be
accomplished with Au-Sn (80%Au-20%Sn) perform at stage temperature: 290
°C ± 5°C; Handling Tool:
Tweezers; Time: less than 1min.
WIRE BONDING: The recommended wire bond method is thermocompression bonding with 0.7 to 1.0 mil
(0.018 to 0.025 mm) gold wire. Stage temperature: 220
°C to 250°C; Bond Tip Temperature: 150°C; Bond
Force: 20 to 30 gms depending on size of wire and Bond Tip Temperature.
HANDLING PRECAUTIONS: The user must operate in a clean, dry environment. Care should be exercised
during handling avoid damage to the devices. Electrostatic Discharge (ESD) precautions should be observed at
all stages of storage, handling, assembly, and testing. The static discharge must be less than 300V.
SCHEMATIC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com