Electronic Components Datasheet Search
  English  ▼

X  

0506 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0506
Description  METAL Brush
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0506 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0506 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADDITIONAL INFORMATION
Download datasheet: https://assunmotor.com/documents-download
For more combination specs, visit Assun Motor werbsite.
Ball bearings
Motor Model
Motor thermal resistance:
Motor thermal time constant:
Axial (dynamic):
Radial (5mm from mounting face):
Press-fit force (static):
Max allowable screw depth into flange:
Maximum radial play (5mm from mounting face):
Axial play:
Maximum winding temperature:
Ambient temperature range:
Preset
-40 to 85 °C
TotalLength (Gearbox andMotor): LT=L1+L2+L3
Recommended Gearbox:
Planetary Gearbox:
AM-19GP
AM-24GP
AM-CL1935MAE Combination Scheme
Nominal voltage
No load speed
±12%
No load current
Max 150%
Recommend limit
for continuous
operating
Max cont. torque
Rated speed
Rated current
Rated power
Starting current
Stall torque
Maximum power output
Maximum efficiency
Terminal resistance
±12%
Inductance
(1KHZ)
Mechanical time constant
Moment of inertia
Torque constant
Speed constant
Speed/torque gradient
Weight
V
rpm
mA
mN.m
rpm
mA
W
mA
mN.m
W
%
Ω
mH
ms
gcm²
mN.m/A
rpm/V
rpm/mN.m
g
DC BRUSHED CORELESS MOTOR
METAL Brush
AM-CL1935MAE Series
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Recommended Encoder:
Encoder S: AM-EN1611S***
3 Channels
Encoder T: AM-EN1612T***
3 Channels
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
0506
53
156.5
1326
7.2
3.3
5.4
Null
0.85
80
5.8
38
5294
1300
4502
8.9
5900
4.5
60
4.2
0607
53
156.1
1115
8.6
3.3
5.4
0.11
1.2
81
7.3
42
5000
1300
4949
10.7
6620
6
51
5.5
0907
53
158.1
741
12.9
3.3
5.5
Null
2.75
81
7.2
42
3273
900
4835
11.2
6600
9
34
5.7
1206
53
156
546
17.5
3.3
5.4
Null
5
80
7
42
2400
660
4749
11.1
6480
12
26
5.5
1807
53
151.7
371
25.8
3.3
5.2
Null
10.55
81
7.5
44
1706
5.7
450
4911
11.1
6600
18
18
2406
6450
154.5
53
35.2
272
5.3
3.3
20
1.86
7.1
81
1200
42
5.5
11.2
4725
24
330
12.5
≤0.02 mm
19.5 K/W
2.5N
16(90)N
125ºC
643 S
16.0 N
2.4 mm
L3: EN16S
10.7
L3: EN16T
12
L2:CL19
35.0
28.4
42.8
33.2
51.3
23.6
34.3
L1:19GP
L1:24GP
18.8
24
Precious metal brush


Similar Part No. - 0506

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
05060117 MOLEX-05060117 Datasheet
50Kb / 3P
Hand Crimp Tool for Flat Blade Female Crimp Terminals, 20-14 AWG
Jun 04, 2025
logo
Littelfuse
0506015.MXP LITTELFUSE-0506015.MXP Datasheet
163Kb / 2P
Cartridge Fuses 3AB > Fast-Acting > 506 Series
0506016.MXP LITTELFUSE-0506016.MXP Datasheet
163Kb / 2P
Cartridge Fuses 3AB > Fast-Acting > 506 Series
0506020.MXP LITTELFUSE-0506020.MXP Datasheet
163Kb / 2P
Cartridge Fuses 3AB > Fast-Acting > 506 Series
logo
Molex Electronics Ltd.
05060301 MOLEX-05060301 Datasheet
50Kb / 3P
Hand Crimp Tool for Flat Blade Female Crimp Terminals, 20-14 AWG
Jun 04, 2025
More results

Similar Description - 0506

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com