Electronic Components Datasheet Search
  English  ▼

X  

1209 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1209
Description  GRAPHITE BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1209 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1209 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Visit Our Website and Online Shop at https://assunmotor.com
Contact: info@assunmotor.com
66
2020 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
DC BRUSHED CORELESS MOTOR
GRAPHITE BRUSH
AM-CL2242GAN Series
Nom
inal voltage
V
6
6
12
0609
0606
1209
N
o load speed
±12%
rpm
9020
5720
9596
N
o load current Max 150%
m
A
130
78
77
7.4
11.1
7.4
Recommend
limit for
contin
uous
op
erating
Max cont. torque
mN.m
Rated Speed
rpm
8453
5019
9044
mA
1300
1200
700
W
6.5
5.9
7.0
Rated Current
Rated Power
S
tarting current
m
A
18750
9231
10909
128
91
117
mN.m
Maximum power output
W
27.7
13.6
32.3
%
84
82
84
Maximum Efficiency
Te
rminal resistance ±12%
Ω
0.32
0.65
1.10
0.014
0.046
0.075
mH
Z
Mechanical time constant
m
s
7.1
5.8
6.7
8.86
8.73
8.61
Moment of inertia
gcm2
To
rque constant
mN
.m/A
6.3
9.9
11.9
rpm/V
1514
961
805
Speed co
nstant
Speed/
torque gradient
rpm/mN.m
76.8
62.9
74.7
80.2
80.1
79.8
12
1206
5818
45
11.8
5078
650
6.3
4800
93
14.1
82
2.50
0.023
5.9
8.99
19.5
489
62.7
80.4
24
2408
8100
19
12.1
7340
450
9.3
4615
130
27.5
88
5.20
0.47
5.7
8.73
28.2
339
62.5
80.1
24
2406
6260
22
11.9
5501
350
6.9
2727
98
16.1
83
8.80
0.81
6.0
8.99
36.3
263
63.7
80.4
48
4810
9732
18
9.9
9105
230
9.5
3310
154
39.3
86
14.5
1.35
5.8
8.79
46.8
204
63.1
80.1
48
4805
5260
8.5
14.8
4398
180
6.8
1055
90
12.5
83
45.5
4.45
5.5
9.06
86.4
110
58.2
80.5
g
Wei
ght
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length (Gearbox and Motor): L T =L1+L2+L3
ADDITIONAL INFORMATION
Motor Model
Graphite brush
Ball Bearings
Stall torque
Inductance
(1KH )
18.4 K/W
5.9 N
16(70) N
≤0.02 mm
85º
C
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
798 S
8.0 N
3.5 mm
Preset
-30 to 65ºC
For more combination specs, visit Assun Motor website.
Download datasheet:
https://assunmotor.com/documents-download
L1:20GP
L1:24GP
L2:CL22
L3:EN22S
18.8
22.2
23.6
27.4
28.4
32.6
42.0
10.7
Recommended Gearbox:
Planetary Gearbox:
AM-20GP
AM-24GP
Recommended Encoder:
Encoder S: AM-EN2211S***
2~3 Channels
AM-CL2242GAN Combination Scheme
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Standard rear shaft diameter:
2 mm
Standard rear shaft length ”L”:
0/3.7 mm


Similar Part No. - 1209

ManufacturerPart #DatasheetDescription
logo
Energizer
1209 ENERGIZER-1209 Datasheet
151Kb / 2P
6V SUPER HEAVY DUTY
logo
Ashcroft, Inc.
1209 ASHCROFT-1209 Datasheet
974Kb / 3P
1209 4½˝ Stainless Steel Case Process Gauge
RevI_01-06-23
logo
ASSUN MOTOR Pte Ltd.
1209 ASSUN-1209 Datasheet
244Kb / 1P
STANDARD SERIES
2023-A
1209 ASSUN-1209 Datasheet
587Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2023-A
1209 ASSUN-1209 Datasheet
340Kb / 1P
HIGH POWER SERIES
2023-A
More results

Similar Description - 1209

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS182310XX PANASONIC-EYGS182310XX Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
logo
Wurth Elektronik GmbH &...
407160016150 WURTH-407160016150 Datasheet
298Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
logo
T-Global Technology
T62 TGLOBAL-T62 Datasheet
334Kb / 1P
T62 Natural Graphite Sheet
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
T68 Artificial Graphite Sheet
T69-100 TGLOBAL-T69-100 Datasheet
817Kb / 2P
T69-100 Graphite Sheets
T69-17 TGLOBAL-T69-17 Datasheet
815Kb / 2P
T69-17 Graphite Sheets
T69-25 TGLOBAL-T69-25 Datasheet
817Kb / 2P
T69-25 Graphite Sheets
T69-40 TGLOBAL-T69-40 Datasheet
817Kb / 2P
T69-40 Graphite Sheets
T69-50 TGLOBAL-T69-50 Datasheet
817Kb / 2P
T69-50 Graphite Sheets
T69-70 TGLOBAL-T69-70 Datasheet
817Kb / 2P
T69-70 Graphite Sheets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com