Electronic Components Datasheet Search
  English  ▼

X  

0905 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0905
Description  METAL Brush
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0905 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0905 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADDITIONAL INFORMATION
Download datasheet: https://assunmotor.com/documents-download
For more combination specs, visit Assun Motor werbsite.
Motor Model
Motor thermal resistance:
Motor thermal time constant:
Axial (dynamic):
Radial (5mm from mounting face):
Press-fit force (static):
Max allowable screw depth into flange:
Maximum radial play (5mm from mounting face):
Axial play:
Maximum winding temperature:
7.3 N
60(120)N
≤0.02 mm
125ºC
Ambient temperature range:
28.0 N
3.0 mm
Preset
-40 to 85 °C
TotalLength (Gearbox andMotor): LT=L1+L2+L3
Recommended Gearbox:
Planetary Gearbox:
AM-26GP
AM-28GP
AM-CL2657MAE Combination Scheme
Nominal voltage
No load speed
±12%
No load current
Max 150%
Recommend limit
for continuous
operating
Max cont. torque
Rated speed
Rated current
Rated power
Starting current
Stall torque
Maximum power output
Maximum efficiency
Terminal resistance
±12%
Inductance
(1KHZ)
Mechanical time constant
Moment of inertia
Torque constant
Speed constant
Speed/torque gradient
Weight
V
rpm
mA
mN.m
rpm
mA
W
mA
mN.m
W
%
Ω
mH
ms
gcm²
mN.m/A
rpm/V
rpm/mN.m
g
DC BRUSHED CORELESS MOTOR
METAL Brush
AM-CL2657MAE Series
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Recommended Encoder:
Encoder S: AM-EN2211S***
2~ 3 Channels
Encoder T: AM-EN2412T***
2~ 3 Channels
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
1172 S
0605
176
15.0
869
11.0
20.6
3.2
0.19
90
47.1
346.1
31579
2200
4850
23.3
5200
6
83
11.8
0905
176
15.2
602
15.9
20.6
3.3
Null
0.4
90
50.4
356.3
22500
2200
4884
34.0
5400
9
57
17.4
1206
176
15.5
463
20.6
20.6
3.3
Null
0.69
90
51.9
358.0
17391
2000
4915
40.4
5540
12
42
20.8
1805
176
15.3
301
31.8
20.6
3.3
Null
1.62
90
50.0
351.9
11111
1360
4715
42.3
5400
18
28
21.0
2405
176
15.7
226
42.3
20.6
3.4
Null
2.94
90
48.7
344.7
8163
20.6
1000
4751
41.4
5400
24
21
3605
5288
15.4
176
64.9
147
3.3
20.6
6.8
1.4
47.4
90
5294
342.5
20.1
41.3
4650
36
650
13
0.041
11.2K/W
L1:26GP
L1: 28GP
25.7
36
33.3
44.5
40.5
26.1
53
47.7
L3: EN22S
10.7
L3: EN24T
12
L2:26GP
42
Ball bearings
Precious metal brush


Similar Part No. - 0905

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
ASSUN MOTOR Pte Ltd.
0905 ASSUN-0905 Datasheet
512Kb / 1P
METAL Brush
2023-A
0905 ASSUN-0905 Datasheet
328Kb / 1P
METAL Brush
2023-A
logo
Mill-Max Mfg. Corp.
0905-0-00-00-00-00-11-0 MILL-MAX-0905-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
Littelfuse
09050023H LITTELFUSE-09050023H Datasheet
658Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
More results

Similar Description - 0905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com