Electronic Components Datasheet Search
  English  ▼

X  

4802 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 4802
Description  GRAPHITE BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

4802 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  4802 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For more combination specs, visit Assun Motor website.
DC BRUSHED CORELESS MOTOR
GRAPHITE BRUSH
AM-CL3570GAF SERIES (155℃)
Download datasheet: https://assunmotor.com/documents-download
Nominal voltage
V
12
12
24
1206
1204
2406
No load speed ±12%
rpm
6400
4320
6180
No load current +150% mA
182
125
96
96.6
112.8
107.3
Recom-
mended
Limit for
Conti-
nuous
Running
Max cont. torque
mN.m
Rated Speed
rpm
5558
3562
5467
mA
5600
4400
3000
W
56.2
42.1
61.4
Rated Current
Rated Power
Starting current
mA
41379
24490
25263
930
643
734
mN.m
Max power output
W
123.0
72.7
150.4
%
87
86
88
Maximum Efficiency
Terminal R
±12%
Ω
0.29
0.49
0.95
0.036
0.11
0.21
mH
Z
Mech. time constant
ms
9.6
7.6
7.5
105.3
108.7
108.4
Moment of inertia
gcm2
Torque constant
mN.m/A
17.8
26.4
36.9
rpm/V
536
362
258
Speed constant
Speed/torque gradient rpm/mN.m
8.7
6.7
6.6
348.3
350.2
350.5
24
2404
4190
67
116.0
3445
41.9
12060
652
71.6
86
1.99
0.45
7.1
105.6
54.4
176
6.4
348.2
48
4806
6310
53
104.7
5584
1500
61.2
12632
910
150.3
87
3.3
0.83
7.6
104.4
72.3
132
6.9
347.4
48
4804
4210
32
115.7
3532
1100
42.8
6667
719
79.2
87
7.2
1.71
6.8
110.5
108.4
88
5.9
351.4
48
4803
3380
25
117.9
2648
900
32.7
4068
545
48.2
85
11.8
2.75
6.9
106.4
134.8
71
6.2
348.7
48
4802
1830
12
126.1
1103
520
14.6
1290
317
15.2
82
37.2
9.6
6.7
110.8
248.1
38
5.8
351.6
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
ADDITIONAL INFORMATION
Motor Model
Graphite brush
Ball Bearings
Stall torque
Inductance (1KH )
9.1K/W
5.5 N
100(1000) N
≤0.02 mm
155ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
1352S
28.0 N
4.0 mm
Preset
-40 to 100ºC
2200
L1:36GP
L1:40GP
L2:CL35
L3:EN22S
39.6
46.8
48.6
58.3
57.6
69.8
L1:45GP
70.5
10.7
L3:EN24T
12.0
Recommended Gearbox:
Planetary Gearbox:
AM-36GP
AM-40GP
AM-45GP
Recommended Encoder:
AM-CL3570GAF Combination Scheme
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN2412T***
2~3 Channels
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Total Length (Gearbox and Motor)
LT=L1+L2+L3
2408
24
8130
130
103.1
7444
3800
80.4
43636
1223
260.3
89
0.55
0.11
7.7
111
28.1
340
6.6
350.2
Standard rear shaft diameter:
4 mm
Standard rear shaft length ”L”:
3.7/5.5 mm
60.1
72.1
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 4802

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4802 WELWYN-4802 Datasheet
132Kb / 2P
Ultra Precision Bulk Metal Film Resistors
logo
TT Electronics.
4802 TTELEC-4802 Datasheet
410Kb / 3P
Ideal resistor for precision instrumentation
4802 TTELEC-4802 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
ASSUN MOTOR Pte Ltd.
4802 ASSUN-4802 Datasheet
446Kb / 1P
GRAPHITE BRUSH
2023-A
4802 ASSUN-4802 Datasheet
417Kb / 1P
GRAPHITE BRUSH
2023
More results

Similar Description - 4802

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS182310XX PANASONIC-EYGS182310XX Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
logo
Wurth Elektronik GmbH &...
407160016150 WURTH-407160016150 Datasheet
298Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
logo
T-Global Technology
T62 TGLOBAL-T62 Datasheet
334Kb / 1P
T62 Natural Graphite Sheet
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
T68 Artificial Graphite Sheet
T69-100 TGLOBAL-T69-100 Datasheet
817Kb / 2P
T69-100 Graphite Sheets
T69-17 TGLOBAL-T69-17 Datasheet
815Kb / 2P
T69-17 Graphite Sheets
T69-25 TGLOBAL-T69-25 Datasheet
817Kb / 2P
T69-25 Graphite Sheets
T69-40 TGLOBAL-T69-40 Datasheet
817Kb / 2P
T69-40 Graphite Sheets
T69-50 TGLOBAL-T69-50 Datasheet
817Kb / 2P
T69-50 Graphite Sheets
T69-70 TGLOBAL-T69-70 Datasheet
817Kb / 2P
T69-70 Graphite Sheets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com