Electronic Components Datasheet Search
  English  ▼

X  

4802 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 4802
Description  GRAPHITE BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

4802 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  4802 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For more combination specs, visit Assun Motor website.
DC BRUSHED CORELESS MOTOR
GRAPHITE BRUSH
AM-CL4071GAE SERIES(125℃)
Nominal voltage
V
No load speed
±12%
rpm
No load current Max 150%
mA
Recommend
limit for
continuous
operation
Max cont. torque
mN.m
Rated Speed
rpm
mA
W
Rated Current
Rated Power
Starting current
mA
mN.m
Maximum power output
W
%
Maximum Efficiency
Terminal resistance ±12%
Ω
mH
Z
Mechanical time constant
ms
Moment of inertia
gcm2
Torque constant
mN.m/A
rpm/V
Speed constant
Speed/torque gradient
rpm/mN.m
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
ADDITIONAL INFORMATION
Motor Model
Graphite brush
Ball Bearings
Stall torque
Inductance
(1KH )
K/W
5.5 N
100(1000) N
≤0.02 mm
125ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
S
29.0 N
5.0 mm
Preset
-30 to 65ºC
Download datasheet: https://assunmotor.com/documents-download
L1:40GP
L1:45GP
L3:EN22S
46.8
58.3
69.8
71
10.7
L3:EN24T
12.0
Recommended Gearbox:
Planetary Gearbox:
AM-40GP
AM-45GP
Recommended Encoder:
AM-CL4071GAE Combination Scheme
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN2412T***
2~3 Channels
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Total Length (Gearbox and Motor)
LT=L1+L2+L3
L2: CL40
Standard rear shaft length ”L”:
3.7/5.5 mm
Standard rear shaft diameter:
4 mm
60.1
72.1
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
12
24
48
1207
2408
4809
6800
8450
8900
275
170
70
96.1
144.3
150.6
6312
7905
8235
6000
5500
3000
63.5
119.4
130.4
80000
82759
41206
2106
2235
1339
238.4
494.5
490.6
89
91
92
0.15
0.29
1.17
6.6
4.9
5.3
123.5
122.6
120.8
16.8
27.1
51.4
569
353
186
5.1
3.8
4.2
495
496
498
48
4806
6300
65
169.5
5747
102.0
26667
1931
318.4
90
1.8
4.1
120.8
72.6
132
3.3
495
48
4805
6100
56
153.2
5475
2100
87.8
20000
1494
238.7
90
2.4
5.1
120.2
74.9
127
4.1
496
48
4804
4000
36
155.6
1400
54.8
974
102.0
87
5.6
5.3
122.2
114.1
84
4.1
497
48
4803
2800
25
158.7
2142
1000
35.6
4174
675
49.5
85
11.5
5.2
120.5
162.7
59
3.2
495
48
4802
2050
22
186.0
1470
860
28.6
2981
657
35.3
84
16.1
3.9
120.7
221.9
43
3.1
496
2400
0.34
0.76
0.08
3361
8571


Similar Part No. - 4802

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4802 WELWYN-4802 Datasheet
132Kb / 2P
Ultra Precision Bulk Metal Film Resistors
logo
TT Electronics.
4802 TTELEC-4802 Datasheet
410Kb / 3P
Ideal resistor for precision instrumentation
4802 TTELEC-4802 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
ASSUN MOTOR Pte Ltd.
4802 ASSUN-4802 Datasheet
462Kb / 1P
GRAPHITE BRUSH
2023-A
4802 ASSUN-4802 Datasheet
446Kb / 1P
GRAPHITE BRUSH
2023-A
More results

Similar Description - 4802

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS182310XX PANASONIC-EYGS182310XX Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
logo
Wurth Elektronik GmbH &...
407160016150 WURTH-407160016150 Datasheet
298Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
logo
T-Global Technology
T62 TGLOBAL-T62 Datasheet
334Kb / 1P
T62 Natural Graphite Sheet
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
T68 Artificial Graphite Sheet
T69-100 TGLOBAL-T69-100 Datasheet
817Kb / 2P
T69-100 Graphite Sheets
T69-17 TGLOBAL-T69-17 Datasheet
815Kb / 2P
T69-17 Graphite Sheets
T69-25 TGLOBAL-T69-25 Datasheet
817Kb / 2P
T69-25 Graphite Sheets
T69-40 TGLOBAL-T69-40 Datasheet
817Kb / 2P
T69-40 Graphite Sheets
T69-50 TGLOBAL-T69-50 Datasheet
817Kb / 2P
T69-50 Graphite Sheets
T69-70 TGLOBAL-T69-70 Datasheet
817Kb / 2P
T69-70 Graphite Sheets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com