Electronic Components Datasheet Search
  English  ▼

X  

G040P02K Datasheet(PDF) 2 Page - Goford Semiconductor

Part # G040P02K
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor

G040P02K Datasheet(HTML) 2 Page - Goford Semiconductor

  G040P02K Datasheet HTML 1Page - Goford Semiconductor G040P02K Datasheet HTML 2Page - Goford Semiconductor G040P02K Datasheet HTML 3Page - Goford Semiconductor G040P02K Datasheet HTML 4Page - Goford Semiconductor G040P02K Datasheet HTML 5Page - Goford Semiconductor G040P02K Datasheet HTML 6Page - Goford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G040P02K
www.gofordsemi.com
TEL:0755-29961263
FAX:0755-29961466(A1896-V.1.0)
Specifications TJ = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static Parameters
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250µA
-20
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS = -20V, VGS = 0V
--
--
-1
μA
Gate-Source Leakage
IGSS
VGS = ±12V
--
--
±
100
nA
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250µA
-0.5
-0.65
-1.0
V
Drain-Source On-Resistance
RDS(on)
VGS = -4.5V, ID = -20A
--
3.4
5.0
mΩ
VGS = -2.5V, ID = -20A
--
4.3
6.0
gFS
VDS = -5V,ID = -20A
--
120
--
S
Dynamic Parameters
Input Capacitance
Ciss
VGS = 0V,
VDS = -10V,
f = 1.0MHz
--
9245
--
pF
Output Capacitance
Coss
--
1570
--
Reverse Transfer Capacitance
Crss
--
1183
--
Total Gate Charge
Qg
VDD = -10V,
ID = -20A,
VGS = -10V
--
134
--
nC
Gate-Source Charge
Qgs
--
32
--
Gate-Drain Charge
Qgd
--
15
--
Turn-on Delay Time
td(on)
VDD = -10V,
ID = -20A,
RG = 6Ω
--
22
--
ns
Turn-on Rise Time
tr
--
171
--
Turn-off Delay Time
td(off)
--
91
--
Turn-off Fall Time
tf
--
23
--
Drain-Source Body Diode Characteristics
Continuous Body Diode Current
IS
TC = 25ºC
--
--
-90
A
Body Diode Voltage
VSD
TJ = 25ºC, ISD = -20A, VGS = 0V
--
--
-1.2
V
Reverse Recovery Charge
Qrr
IF = -20A, VGS = 0V
di/dt=-100A/us
--
56
--
nC
Reverse Recovery Time
Trr
--
63
--
ns
Forward Transconductance
Notes
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. EAS condition : Tj=25℃ ,VDD=-20V,VGS=-10V,L=0.5mH,Rg=25Ω
The table shows the minimum avalanche energy, which is 225mJ when the device is tested until failure
3. Identical low side and high side switch with identical RG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com