Electronic Components Datasheet Search
  English  ▼

X  

G040P04M Datasheet(PDF) 2 Page - Goford Semiconductor

Part # G040P04M
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor

G040P04M Datasheet(HTML) 2 Page - Goford Semiconductor

  G040P04M Datasheet HTML 1Page - Goford Semiconductor G040P04M Datasheet HTML 2Page - Goford Semiconductor G040P04M Datasheet HTML 3Page - Goford Semiconductor G040P04M Datasheet HTML 4Page - Goford Semiconductor G040P04M Datasheet HTML 5Page - Goford Semiconductor G040P04M Datasheet HTML 6Page - Goford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G040P04M
www.gofordsemi.com
TEL:0755-29961263
FAX:0755-29961466(A1778-V1.1)
Specifications TJ = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static Parameters
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250µA
-40
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS = -40V, VGS = 0V
--
--
-1
μA
Gate-Source Leakage
IGSS
VGS = ±20V
--
--
±
100
nA
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250µA
-1.0
-1.6
-2.5
V
Drain-Source On-Resistance
RDS(on)
VGS = -10V, ID = -15A
--
2.9
3.5
mΩ
VGS = -4.5V, ID = -15A
--
3.7
4.5
gFS
VDS = -5V,ID = -15A
--
44
--
S
Dynamic Parameters
Input Capacitance
Ciss
VGS = 0V,
VDS = -20V,
f = 1.0MHz
--
14983
--
pF
Output Capacitance
Coss
--
2060
--
Reverse Transfer Capacitance
Crss
--
1391
--
Total Gate Charge
Qg
VDD = -20V,
ID = -15A,
VGS = -10V
--
206
--
nC
Gate-Source Charge
Qgs
--
41
--
Gate-Drain Charge
Qgd
--
26
--
Turn-on Delay Time
td(on)
VDD = -20V,
ID = -15A,
RG = 1.6Ω
--
44
--
ns
Turn-on Rise Time
tr
--
49
--
Turn-off Delay Time
td(off)
--
138
--
Turn-off Fall Time
tf
--
44
--
Drain-Source Body Diode Characteristics
Continuous Body Diode Current
IS
TC = 25ºC
--
--
-180
A
Body Diode Voltage
VSD
TJ = 25ºC, ISD = -15A, VGS = 0V
--
--
-1.2
V
Reverse Recovery Charge
Qrr
IF = -15A, VGS = 0V
di/dt=-100A/us
--
198
--
nC
Reverse Recovery Time
Trr
--
77
--
ns
Notes
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. EAS condition : Tj=25℃ ,VDD=-40V,VGS=-10V,L=0.5mH,Rg=25Ω
3. Identical low side and high side switch with identical RG
Forward Transconductance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com