Electronic Components Datasheet Search
  English  ▼

X  

91037 Datasheet(PDF) 1 Page - Belden Inc.

Part # 91037
Description  Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male, straight, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR green cable, 4-wires, 2x2x0.34 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

91037 Datasheet(HTML) 1 Page - Belden Inc.

  91037 Datasheet HTML 1Page - Belden Inc. 91037 Datasheet HTML 2Page - Belden Inc. 91037 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 0985 342 102
Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male,
straight, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR
green cable, 4-wires, 2x2x0.34 mm²
Product Description
Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male, straight, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR green
cable, 4-wires, 2x2x0.34 mm²
Technical Drawing
Technical Specifications
Face View
Pin 1
Pin 2
Pin 3
Pin 4
yellow white orange blue
Technical Data
Product Family:
Data Connectors
Product Sub Family:
M12 Standard
Brand:
Lumberg Automation
Connector Type:
Cordset, single ended
Type of Contact / Gender: Male
Connector Design:
Straight
Number of Pins:
4
Coding:
D
Shielding:
Shielded
Attachment Type:
Coupling Screw
Rated Voltage:
60 V
Rated Impulse Voltage:
1.5 kV
Operating Voltage:
50 V AC / 60 V DC
Rated Current*:
4 A
Data Transmission:
Fast Ethernet Cat5e
Data Transmission Rate:
100 Mbit/s


Similar Part No. - 91037

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9103 ETC1-9103 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9103 ETC2-9103 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
B&K Precision Corporati...
9103 BK-9103 Datasheet
1Mb / 3P
Multi-Range DC Power Supplies
logo
Heyco.
9103 HEYCO-9103 Datasheet
117Kb / 1P
Releasable Type T Rivets
logo
Sensata Technologies, I...
9103 SENSATA-9103 Datasheet
136Kb / 2P
MEASURING WHEEL
Rev:08/21/18
More results

Similar Description - 91037

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCR1509041J1 SCHNEIDER-XZCR1509041J1 Datasheet
99Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M8 4-pin - PUR 1m
Dec 7, 2020
XZCR1509041J2 SCHNEIDER-XZCR1509041J2 Datasheet
99Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M8 4-pin - PUR 2m
Dec 7, 2020
XZCR1511041C1 SCHNEIDER-XZCR1511041C1 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 1m
Dec 7, 2020
XZCR1511041C2 SCHNEIDER-XZCR1511041C2 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 2m
Dec 7, 2020
XZCR1511041C5 SCHNEIDER-XZCR1511041C5 Datasheet
123Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 5m
Dec 7, 2020
XZCR1512041C1 SCHNEIDER-XZCR1512041C1 Datasheet
98Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PUR 1m
Dec 7, 2020
XZCR1512041C2 SCHNEIDER-XZCR1512041C2 Datasheet
97Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PUR 2m
Dec 7, 2020
XZCRB151141C2 SCHNEIDER-XZCRB151141C2 Datasheet
89Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 2m
Dec 7, 2020
XZCRB151141C5 SCHNEIDER-XZCRB151141C5 Datasheet
88Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com