Electronic Components Datasheet Search
  English  ▼

X  

690 Datasheet(PDF) 4 Page - Belden Inc.

Part # 690
Description  Fast Ethernet Cat5e Data Double-Ended Cordset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

690 Datasheet(HTML) 4 Page - Belden Inc.

  690 Datasheet HTML 1Page - Belden Inc. 690 Datasheet HTML 2Page - Belden Inc. 690 Datasheet HTML 3Page - Belden Inc. 690 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
History
Update and Revision:
Revision Number: 0.75 Revision Date: 02-03-2025
Variants
Item #
Item Description
Cable Length
89693
0985 342 104/0,5 M
0.5 m
82107
0985 342 104/1 M
1 m
89694
0985 342 104/1,5 M
1.5 m
82110
0985 342 104/2 M
2 m
106363
0985 342 104/2,5 M
2.5 m
934637351 0985 342 104/12,5 M 12.5 m
82112
0985 342 104/3 M
3 m
8
0985 342 104/4 M
4 m
84614
0985 342 104/5 M
5 m
934637352 0985 342 104/17,5 M 17.5 m
688
0985 342 104/8 M
8 m
934637021 0985 342 104/9 M
9 m
89696
0985 342 104/10 M
10 m
9617
0985 342 104/12 M
12 m
105803
0985 342 104/15 M
15 m
107996
0985 342 104/20 M
20 m
934637353 0985 342 104/25 M
25 m
934636404 0985 342 104/30 M
30 m
104024
0985 342 104/35 M
35 m
934637295 0985 342 104/40 M
40 m
689
0985 342 104/50 M
50 m
690
0985 342 104/60 M
60 m
691
0985 342 104/70 M
70 m
692
0985 342 104/80 M
80 m
16027
0985 342 104/85 M
85 m
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com