Electronic Components Datasheet Search
  English  ▼

X  

HE83006 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83006
Description  8-BIT MICRO-CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83006 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83006 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83006 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83006 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83006 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83006 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83006 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83006 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image

  



 


 


 


 


 


 


 









0


   
  


.



#

- /(0 1()  20324 ,/
3//2 /* 3 25) (0 3 
3 */(  6" 478 9
 781:;/25
()43, 3/) /*
<=>??03@03243/05
?00*(0
? ;(00324
() 03243/05
<>?/ /(01() 3)2

>- /(01() 3)2

"


#

- /(0 )03@ 20324 ,/
3//2 /* @ + 6" 78
25) (0 3 )) 3 () )03@
20324 (/A ,3BA/* 20324
)3;2 13 %  A),0(5#
 # () (/A
3 +/ /(00324)
<C%>?3)2131() 20324
>CD (03)2131() 20324
<C%>?136"7820324

>CD (0136"7820324
E)  (/A  3 )@ 2+ (3/* A11/  3,( 3/
3A F= %# %#  % (/A %G / ;(0
03243A# +(/)5) 20324)) 00 +() 0324
+6"7820324)13% (/A3/05
6
 

5) ) 
%B0 **#(2 B03@-2, 13;)/* +),/#;)/*
()4 3, 3/ F <>G 23;0A /(0  ;0A/
,3@3/) 22; 
)A)# < 2(/) ( 2+ 3*
< >? )(0( 2+ 3*

>/(0( 2+ 3*

 

) /
0() 3/A +) ,/ (/A (AA ( )  ,3/  3/  13
A;**/*%(B +),/103( /*)
6.  ,/A2 3/(0,3 
()43, 3/)
<H"?I>9;)+,;00
>?9,/A(/
; ,; ;) JK13(A/*@+/B;) +()
/,; F=3 ) ( ) ;2 ;G
?" 
,/ A2 3/(0  ,3 
 H"I()@(4;,,/ 
 H"I
()
- /(0
/ ;, ,/
()43, 3/)
< H"?I>9;)+,;00
>?9,/A(/
; ,; ;) JK13(A/*@+/B;) +()
/,; F=3 ) ( ) ;2 ;G
6
"   ,/A2 3/(0,3 
()43, 3/)
<?H"?I>9;)+,;00
>?9,/A(/
; ,; ;) JK13(A/*@+/B;) +()
/,; F=3 ) ( ) ;2 ;G
6


+   ,3) B 3; ,; 
2(/AB),(43 ;88
A2 05
  + 31$*) ()3/ 3 ;/3/ 
6"
 

+   ,3) B 3; ,; 
2(/AB),(43 ;88
A2 05
  + 31$*) ()3/ 3 ;/3/ 


 $32; ,; 
  + F >G31$*)  3 ;/3/ @ +
$3; ,; 


 0 /( B; ,; 31    + ?F>G31$*)  3 ;/3/ @ +



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com