Electronic Components Datasheet Search
  English  ▼

X  

HE83116B Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83116B
Description  8-BIT MICRO-CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83116B Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83116B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83116B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83116B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83116B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83116B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83116B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83116B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83116B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83116B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
ææææ
9999
••••
¤¤¤¤
‰
‰
‰
‰
[[[[
Y
Y
Y
Y
HE83116B
HE80000 SERIES
2 ‡
V3.1E
I.F.C. E.S.C. I.P.R PROM DROM
TP
TP+1 RAM PP
DP
I/O
DTMF WDT Timer
64KB
—
16-bit
256B
— 8-bit
16
—
Ł ‡ T1,T2
DAO OP PWM
LCD
COM*SEG
Bias Rgr ChrgPmp
LV2 LR LVG REC S.R.
—
Ł
128
4*32
1/3
—
1,3/2,3
Ł ‡ —
—
—
—
D. Pin Description
Pin #
Pin name I/O
Function
Description
55
54
FXI,
FXO
B,
O
External fast clock pin.
Connecting to crystal or RC
to generate 32.768 kHz ~
8MHz frequency.
58
57
SXI,
SXO
I,
O
External slow clock pin.
Connecting with 32768 Hz
crystal or resistor as slow
clock and providing clock
source for LCD display,
TIMER1, Time-Base and
other internal blocks.
Mask option setting
MO_FCK/SCKN= 00 œ Slow Clock only
01 œ Illegal
10 œ Dual Clock
11 œ Fast Clock only
MO_FOSCE = 0 Internal fast osc.
= 1 External fast osc.
MO_FXTAL= 0 RC osc. for fast clock
= 1 X’tal osc. for fast clock
MO_SXTAL= 0 RC for 32768 Hz clock
= 1 X’tal for 32768 Hz clock
Use OP1 and OP2 to switch among different operation
mode (NORMAL, SLOW, IDEL and SLEEP). In Dual
Clock mode, the main system clock is still the Fast Clock.
The 32768 Hz clock is for LCD and Timer 1 only.
53
RSTP_N
I
System Reset.
Level trigger, active low. Except for using this pin, using
mask option (MO_PORE=1) could enable IC build-in
power-on reset circuit.
Besides, MO_WDTE can set Watch Dog Timer
MO_WDTE=0 Disable Watch Dog Timer
=1 Enable Watch Dog Timer
56
TSTP_P
I
Test Pin
Please bond this pin and add a test point on PCB for
debugging. Leave this pin floating is OK.
68..71
1..4
PRTC[7:0]
B
8-pin
bi-directional
I/O
port.
Mask options
MO_CPP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever use them as
input (No tri-state structure).
60..67
PRTD[7:0]
B
8-pin
bi-directional
I/O
port.
PRTD[7..2]
as
wake-up pin.
PRTD[7..6]
as
external
interrupt pin.
Mask options
MO_DPP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever use them as
input (No tri-state structure).
39..42
COM[3:0]
O
LCD COMmon Output
7..38
SEG[31:0]
O
LCD SEGment Output
LCD Data filled from F0H, please refer the LCD RAM
map.
44
LC2
B
Charge Pump Switch 2
43
LC1
B
Charge Pump Switch 1
Add one 0.1 µF capacitor between LC1 and LC2. Please refer
the application circuit.
45
L V3
B
Charge Pump V3
46
L V2
B
Charge Pump V2
48
L V1
B
Charge Pump V1
LV3< 9 Volts.
Please refer the application circuit.
5
PWMP
O
The PWM positive output
can drive speaker or buzzer
directly.
Set the bit2 of VOC register as one to turn on PWM.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com