Electronic Components Datasheet Search
  English  ▼

X  

HE83117 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83117
Description  8-BIT MICRO-CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83117 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83117 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83117 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83117 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83117 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83117 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83117 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83117 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83117 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83117 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image

  



 


 


 


 


 


 


 









&


  
,2>  %'  '#' %2% ';1
%' 1'#81%21%' G%; 5
 #!( 11%21% G< #,
%>%2  %   1G1#

     
     
    


      ! "   #$

 %%
&    
' 
 () *+ , -,. '& ' '&)  




$
(#
# "
%#%#
 " "
/ 


   
, H ,  *+
71 
(  

#


%

/ 0*1 2*+  31435 .0
4003 0, 436+ *14
4 ,0*  #7 589 $
 892:;036
7



%

/ 0*1 +14< 31435 .0
4003 0, < - #7 89
36+ *1 4 ++ 4 *+ +14<
31435 *0= .4>=0, 31435
+4;324' =+.1*6%
 % *+ *0=
4 -0 0*11435+
*+54. 40+ 0,
?@ABB14<14354016
B11,*1
B ;*11435
*+ 14354016
?AB0 0*12*+ 4+3
A/ 0*12*+ 4+3
?C'AB4+3242*+ 31435
ACD *14+3242*+ 31435
?C'AB24#78931435
ACD *124#78931435
E+*0= 4+< 3-*40,=220 4.* 40
4=F@ '%'% '*0='G0 ;*1
14354=% -*0+6+ 31435++ 11 -*+ 1435
-#78931435+24' *0=4016

 

6+ + 
'>1 ,,%*3 >14</3. 24;+0, -+.0%;+0,
*+54. 40F ?AG34;1=0*1;1=0
4<40+ 33; 
+=+% ? 3*0+ * 3- 4,
? AB +*1* 3- 4,

A0*1* 3- 4,
!
 

+ 0
1*+40= -+.0*0=*==* + .40 4024
=;,,0,'*> -+.0214* 0,+


 
.0=3 40*1.4 
*+54. 40+
?H7BIA$;+-.;11
AB$.0=*0
; .; ;+ JK24*=0,<-0>;+ -*+
0.; F@4 + * + ;3 ;G
7#
B
 
.0=3 40*1.4 
 H7I*+<*5;..0
 H7I *+ / 0*1
*+54. 40+
? H7BIA$;+-.;11
AB$.0=*0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com