Electronic Components Datasheet Search
  English  ▼

X  

HE83121 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE83121
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83121 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE83121 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83121 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83121 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83121 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83121 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83121 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83121 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83121 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83121 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image


  
 


 


 


 


 


 


 


 













!.>4-3$4) >'4-" 
 3#) >'4-"  
?

%
- 8
8+' '' 9   ", 
#

#

 !



8   )=,  %1
8:@8; 
!!.88AB$C  ' ++ 

!.883#B8+'=+++D
3$B =, ++
>'  ,'  + ,E#E, ,
'  + ' +9+  


$


" !



8  4 )=,  %1
:;8-4ABC
  > =+  ,
8-4ABC  + ,  
 ++
!!.488AB$C  ' ++ 

!.4883#B8+'=+++D
3$B =, ++
>'  ,'  + ,E#E, ,
'  + ' +9+ 
@@
F#
 #" ! 
74!"++
@@ $%& ! 
74(G" ++

4 , "4    ' 746!!
F
'(

'  8+"(&'#
F
')

'  8+"(&'
8    '  +
FF
'*

'  8+"H
F@
'*)

'  8+"H#
8    '  + 
F
F?
'+,,)!

74   9 @ $ 8    '  +
$
'*%
%
74H +G +,
8    '  +



-#


8>! I9  ++  
, , 9 (   
+  +,++
( '  H  :8>!3#;+ ' 
8>!



-#


8>! =9  ++  
, , 9 (   
+  +,++
( '  H  :8>!3#;+ ' 
8>!


* 

4169 ++
( ' )#:463#;H  + H


%
86!8%9 
( ' )#:83#;  + 8 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com