Electronic Components Datasheet Search
  English  ▼

X  

AT9864 Datasheet(PDF) 1 Page - Atom Lighting

Part # AT9864
Description  LED WIDE AND NARROW BODY DIFFUSED BATTEN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

AT9864 Datasheet(HTML) 1 Page - Atom Lighting

  AT9864 Datasheet HTML 1Page - Atom Lighting AT9864 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9842, AT9864 AND AT9866
Ph: + 617 5537 1022
Fax: + 617 5537 1055 Email: sales@atomlighting.com.au
atomlighting.com.au
FEATURES
•
Ideal for residential, retail and
commercial lighting applications
•
Energy efficient
•
Available in different sizes
COLOUR TEMPERATURE
4000K
ENERGY EFFICIENT
Energy Rating A
WATTAGES
24W and 44W
WARRANTY
Three year warranty
3
LED BATTENS
LED WIDE AND NARROW BODY DIFFUSED BATTEN


Similar Part No. - AT9864

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AT980 POSEICO-AT980 Datasheet
176Kb / 4P
PHASE CONTROL THYRISTOR
AT980S60 POSEICO-AT980S60 Datasheet
176Kb / 4P
PHASE CONTROL THYRISTOR
logo
Atom Lighting
AT9812PMB ATOM-AT9812PMB Datasheet
659Kb / 2P
100W,150W and 200W commercial LED Floodlight
31.05.21
AT9814 ATOM-AT9814 Datasheet
659Kb / 2P
100W,150W and 200W commercial LED Floodlight
31.05.21
AT9814100 ATOM-AT9814100 Datasheet
659Kb / 2P
100W,150W and 200W commercial LED Floodlight
31.05.21
More results

Similar Description - AT9864

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1104 NTE-NTE1104 Datasheet
20Kb / 2P
Integrated Circuit Wide and Narrow Band Amp, FM/IF Limiter
logo
Siemens Semiconductor G...
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
3 mm T1 3/4 LED, Diffused Wide-Angle LED
logo
CTS Corporation
766163220G CTS-766163220G Datasheet
99Kb / 4P
Narrow Body Design
logo
Visual Communications C...
5705H VCC-5705H Datasheet
59Kb / 1P
LED with Extended Leads-Ultra Brite Non-Diffused Narrow Beam
logo
LUMEX INC.
SSL-LX20465ID LUMEX-SSL-LX20465ID Datasheet
47Kb / 2P
T-2mm TAPER BODY LED, TOP DIFFUSED, 635mm RED LED, REDTOP DIFFUSED
logo
CTS Corporation
766163330G CTS-766163330G Datasheet
99Kb / 4P
Narrow Body Design
766 CTS-766_16 Datasheet
99Kb / 4P
Narrow Body Design
logo
TT Electronics.
SOIC TTELEC-SOIC Datasheet
496Kb / 4P
Both narrow and wide body versions available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com