Electronic Components Datasheet Search
  English  ▼

X  

AT9864CW Datasheet(PDF) 2 Page - Atom Lighting

Part # AT9864CW
Description  LED WIDE AND NARROW BODY DIFFUSED BATTEN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

AT9864CW Datasheet(HTML) 2 Page - Atom Lighting

  AT9864CW Datasheet HTML 1Page - Atom Lighting AT9864CW Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AT9842, AT9864 AND AT9866
Revision 15.06.2016
Ph: + 617 5537 1022
Fax: + 617 5537 1055 Email: sales@atomlighting.com.au
atomlighting.com.au
Information is subject to change without prior notice
Images are for illustrative purpose only
Product Range
Atom Code
Order Code
AT9842/CW
11378
AT9864/CW
11130
AT9866/CW
11174
Description
4ft 24W 4000K LED Narrow Body Diffused Batten
2ft 24w 4000K LED Wide Body Diffused Batten
4ft 44w 4000K LED Wide Body Diffused Batten
Product Datasheet
Dimension & Weight
Length
Height
Width
AT9842
1225mm
93.5mm
70mm
AT9864
625mm
93.5mm
123.5mm
AT9866
1225mm
93.5mm
123.5mm
Voltage
230V~ 50Hz
Power consumption
24W and 44W
Light colour options
Cool White (WH)
Lumen output (lm)
2400lm and 4400lm
Colour Temperature
4000K
Colour Rendering Index
80
Beam Angle
136°
Dimmable
No
Warranty
3 Years
Working temperature
-10° – +40°
IP Rating
IP20
Energy Rating
A
Product Specification
Finishes
White (WH)
AT9842
1225mm
93.5mm
1225mm
93.5mm
AT9864
625mm
93.5mm
625mm
93.5mm
1225mm
93.5mm
1225mm
93.5mm
AT9866



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com