Electronic Components Datasheet Search
  English  ▼

X  

ME4057 Datasheet(PDF) 6 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 6 Page - Nanjing Micro One Electronics Inc

Back Button ME4057 Datasheet HTML 2Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 3Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 4Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 5Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 6Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 7Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 10Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 6 of 18
Typical performance characteristics
Description of the Principle
The ME4057 is a complete constant-current/constant-voltage linear charger for single cell lithium-ion batteries.
Constant-current/constant-voltage to charger batter by internal MOSFET .It can deliver up to 1A of charge
current .No blocking diode or external current sense resistor is required. ME4057 include two Open-Drain charge
status Pins: Charge status indicator
and battery failure status output
.
The internal thermal regulation circuit reduces the programmed charge current if the die temperature attempts to
rise above a preset value of approximately 145℃. This feature protects the ME4057 from excessive temperature,
and allows the user to push the limits of the power handling capability of a given circuit board without risk of
damaging the ME4057 or the external components. Another benefit of adopting thermal regulation is that charge
current can be set according to typical, not worst-case, ambient temperatures for a given application with the
assurance that the charger will automatically reduce the current in worst-case conditions.
The charge cycle begins when the voltage at the VCC pin rises above the UVLO level, a current set resistor is
connected from the PROG pin to ground, and the CE pin is pulled above the chip enable threshold. The
pin
outputs a logic low to indicate that the charge cycle is on going. At the beginning of the charge cycle, if the battery
voltage is below 2.9V, the charge is in precharge mode to bring the cell voltage up to a safe level for charging. The
charger goes into the fast charge constant-current mode once the voltage on the BAT pin rises above 2.9 V. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com