Electronic Components Datasheet Search
  English  ▼

X  

HE83131 Datasheet(PDF) 7 Page - King blillion Electronics Co.,Ltd.

Part # HE83131
Description  8-BIT MICRO-CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83131 Datasheet(HTML) 7 Page - King blillion Electronics Co.,Ltd.

  HE83131 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83131 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83131 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83131 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83131 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83131 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83131 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83131 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image



  
 


 


 


 


 


 


 


 










-


 !D)H:<B  9''H9J.%KB  1@'H%9

  

 
    
   

 



 
   

!"#$%&'
(()&*'




  ( 

!"+#$%&'
(()&*'

"


(&*',
(-).!#/
0'&12*'33






 


&)4(



(&*',
(-).!#/,
0'&12*' 







  '- 






5 -()6
5 5,5 0.!070.0



 
 

5 -)8
5 5,5 0.!070.0
!!
9

 
 ( -
0,( 
0.!070.:0,(&&.3

!

 

-)1/0'&1
-)


0

0
 
-;0'&1
-)




0
0



-) )/

,<5=
<//'.!0>)-4
';/)1/?
<//'.!0>)-4
/)1/';?

!
0

0

-()6
-''2/)1/0.0




  -)8
-''2';0.90



 
  -;
<5=
0.@(,-''/)1/&''




  -;

0.@(,)4-''/)1/
&''*






@ D
LD' !" 4 )")" .(

47!" 4  )")"( ' .(
L:D  4               "  B  "  M"
" "   "   " 
    "" +L@N@H%BB:BB$B<,



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com