Electronic Components Datasheet Search
  English  ▼

X  

LD7120CS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7120CS
Description  Single Synchronous Buck PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7120CS Datasheet(HTML) 6 Page - Leadtrend Technology

  LD7120CS Datasheet HTML 1Page - Leadtrend Technology LD7120CS Datasheet HTML 2Page - Leadtrend Technology LD7120CS Datasheet HTML 3Page - Leadtrend Technology LD7120CS Datasheet HTML 4Page - Leadtrend Technology LD7120CS Datasheet HTML 5Page - Leadtrend Technology LD7120CS Datasheet HTML 6Page - Leadtrend Technology LD7120CS Datasheet HTML 7Page - Leadtrend Technology LD7120CS Datasheet HTML 8Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LD7120
6
Leadtrend Technology Corporation
LD7120-DS-05 February 2005
UGATE
Fig. 7 Bootstrap Waveform
LGATE
Phase
VOUT
Fig. 8 OCP Waveform
IOUT
Application Information
Initialization
The LD7120 automatically initializes upon receipt of power.
The Power On Reset (POR) function continually monitors
the bias voltage at the VCC pin. The POR function initiates
the Over Current Protection (OCP) sampling and hold
operation after the supply voltage exceeds its POR
threshold. Upon completion of the OCP sampling and hold
operation, the POR function initiates the Soft Start
operation.
Over Current Protection
The over current function cycles the soft start function in a
hiccup mode to provide fault protection. A resistor ROCSET
from OCSET pin to the drain of high side MOSFET
programs the over current trip level. The resistor, an internal
20μA current source IOCSET and the MOSFET on resistance
set the over current trip point IPEAK according to the following
formula:
DS(ON)
OCSET
OCSET
PEAK
R
R
I
I
×
=
To avoid over current tripping in the normal operating load
range, find the ROCSET resistor form the equation above with:
1.
The maximum RDS(ON) at the highest junction
temperature.
2.
The minimum IOCSET from the specification table.
3.
Determine IPEAK for IPEAK > IOUT(MAX)+
2
∆I
Where ∆I is the output inductor ripple current.
Pulling and holding this pin below 0.8V with an open drain
device will shut down the IC. Releasing OCSET will initiate
soft start on the controller.
Soft Start
The POR function initiates the soft start function after the
over current set point has been sampled. The built in soft
start function is to prevent inrush current and output voltage
overshoot during power on. An internal digital counter
controls the soft start voltage. It clamps the ramping of
reference voltage at the input of error amplifier and the pulse
width of the output driver slowly. The typical soft start
duration is 6.8mS.
Bootstrap Operation
In a single power supply system, an external bootstrap
circuit, as Fig.9, powers the UGATE driver of LD7120. The
boot capacitor, Cboot, generates a floating reference at the
PHASE pin. Typical 0.1
µF Cboot is enough for most of
MOSFETs used with the LD7120. The voltage drop between
BOOT and PHASE is refreshed to a voltage of Vcc - diode
drop while the low side MOSFET turning on.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com