Electronic Components Datasheet Search
  English  ▼

X  

LPM Datasheet(PDF) 1 Page - Danley Sound Labs. All Rights Reserved.

Part # LPM
Description  SYNERGY HORN MONITOR LOUDSPEAKERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

LPM Datasheet(HTML) 1 Page - Danley Sound Labs. All Rights Reserved.

  LPM Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SYNERGY HORN MONITOR LOUDSPEAKERS
© 2012 Danley Sound Labs. All Rights Reserved.
www.danleysoundlabs.com
The SH-LPM is a wide dispersion fully horn-loaded monitor loudspeaker.
Due to the large horn mouth the SH-LPM offers substantial directivity with
front to back rejection and high gain before feedback. High frequencies are
very smooth throughout the coverage pattern and are not beamy.
Applications include anywhere wide coverage with high directivity is
desired. With its combination of performance, clarity, low profile aesthetics
and waterproof grill the
SH-LPM sets a new benchmark in floor monitor loudspeakers.
Specifications
Coverage Pattern...................................................................................... 110° conical
Operating Frequency Range.............................................60 Hz - 20 kHz +/- 3 dB
..............................................................................................52 Hz – 24 kHz -10 dB
Sensitivity @ 1M .............................................................................................. 95 dBSPL
................................................................(Measured as 2.83V input, 1M half space)
Maximum Output.................................. ..120 dBSPL Cont., 126 dBSPL Program
Input Power Ratings ......................................300W continuous, 600W program
Nominal Impedance ..........................................................................................8 ohms
Minimum Impedance....................................................................... 6 ohms @ 8 kHz
Recommended Processing................................ 60 Hz HP @ 24 dB/Butterworth
Drivers .................................................................................................. Single 8” coaxial
Input Connections................................................................... 4-NL4MP (2 per side)
Enclosure Material......................... 13ply, 18mm Baltic Birch, polyurea coated
PERFORMANCE DATA
Model
Max
SPL
Sensitivity
Magnitude Response
Beam Width
Power Rating
Dimensions (in.)
Weight
SH LPM
126 dB
95 dB
60 Hz – 20 kHz
110° conical
600 W
13.6 x 21.5 x 18
41 lbs
5
Frequency (Hz)
10
15
20
25
30
SH-LPM impedance
Gainesville GA 12/14/2007 3:13:39 PM
4096 Samples, Frequency Res. = 22.3 Hz
SH-LPM.imp Mag
35
40
Frequency (Hz) Octave Smoothing = 18.0%
-405
-360
-315
-270
-225
-180
-135
-90
-45
45
65
60
70
75
85
80
110
105
90
95
100
SH-LPM
12/19/2007 11:10:05 AM dB Shop
Low profile monitor in test chamber mic at 1M
Cursor = 67.1 dB at 40.0 Hz (-25.1 degs)
4096 Samples in 90.3 s, Frequency Res. = 14.9 Hz, Time Res = 67.27 ms (76.01 feet)
SH-LPM.tds
SH-LPM.tds Phase
-450
0
SH-LPM
Stylish Low-Profile
Monitor with inputs
on both sides
Accessories
Weatherized options available
35


Similar Part No. - LPM

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
LPM SEI-LPM Datasheet
561Kb / 8P
Miniature SMD Power Inductor
11/21/2019
logo
Rohm
LPM-1153BMU602 ROHM-LPM-1153BMU602 Datasheet
83Kb / 2P
Full color dot matrix unit
LPM-1153BMU702 ROHM-LPM-1153BMU702 Datasheet
83Kb / 2P
Full color dot matrix unit
LPM-1153BMU801 ROHM-LPM-1153BMU801 Datasheet
113Kb / 2P
Full color dot matrix unit
LPM-1153BMU813 ROHM-LPM-1153BMU813 Datasheet
134Kb / 2P
Full color dot matrix unit
More results

Similar Description - LPM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7401 STMICROELECTRONICS-TDA7401 Datasheet
68Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Jan-1999
TDA7435 STMICROELECTRONICS-TDA7435 Datasheet
90Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Nov-1996
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
List of Unclassifed Man...
4642 ETC2-4642 Datasheet
100Kb / 1P
Loudspeakers and Accessories
QH16T ETC2-QH16T Datasheet
13Mb / 1P
INDIVIDUAL LOUDSPEAKERS
logo
Pasternack Enterprises,...
PE9881-24 PASTERNACK-PE9881-24 Datasheet
277Kb / 2P
Horn Antenna
logo
Renesas Technology Corp
S3A6 RENESAS-S3A6 Datasheet
1Mb / 129P
Synergy Microcontrollers
logo
TDK Electronics
HRN-0118 TDK-HRN-0118 Datasheet
95Kb / 2P
Horn Antenna
logo
Pasternack Enterprises,...
PE9881-34 PASTERNACK-PE9881-34_17 Datasheet
450Kb / 3P
Waveguide Horn
PE9881-42 PASTERNACK-PE9881-42_18 Datasheet
901Kb / 9P
Waveguide Horn
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com