Electronic Components Datasheet Search
  English  ▼

X  

OS62 Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # OS62
Description  3 Way Outdoor Loudspeaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

OS62 Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  OS62 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. OS62 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
OS62
3 Way Outdoor Loudspeaker
Rev. 20231113
© 2023 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
The OS62 loudspeaker, a product of Danley Sound Labs, shall integrate the proprietary Synergy patented crossover
network in conjunction with its designated driver configuration. The specified coverage pattern for the loudspeaker
shall be 60° x 20°. Its operational frequency range shall be defined from 105Hz to 12KHz, with a tolerance of -10dB.
When subjected to an input of 2.83V, the loudspeaker’s sensitivity shall be quantified as 107 dBSPL at a standardized
distance of 1 meter. Utilizing 18dB crest factor music noise, the OS62 is capable of delivering audio at levels of
143.4dB peak, 128.5dB Z slow, and 127.2dB A slow, also measured at 1 meter. Regarding power considerations, the
loudspeaker shall handle a continuous power of 800 Watts and shall withstand peak power levels up to 3600 Watts.
The construction material employed for the OS62 shall be a thermally molded Poly-composite.
ARCHITECT/ENGINEERS SPECS
Sensitivity
Impedance
Horizontal Response
Horizontal Directivity Contour
Vertical Response
Vertical Directivity Contour
KLIPPEL
70
75
80
85
90
95
100
105
110
115
120
-600
-500
-400
-300
-200
-100
0
100
100
200
500
1k
2k
5k
10k
Frequency Response
r = 2 m, phi = 0°, theta = 0°, Reference: 1 m, 2.83 V, smoothed 3/oct., Delay removed: 3.8 ms
Frequency / Hz
- - Magnitude
- - Phase
KLIPPEL
70
75
80
85
90
95
100
105
110
115
120
100
1000
10000
SPL Horizontal
r = 2 m, Reference: 1 m, 2.83 V, smoothed 2/oct.
Frequency / Hz
On-Axis
10°
20°
30°
40°
50°
60°
KLIPPEL
0
5
10
15
20
25
30
35
40
50
100
200
500
1k
2k
5k
10k
20k
Impedance
Frequency / Hz
OS63
KLIPPEL
70
75
80
85
90
95
100
105
110
115
120
100
1000
10000
SPL Vertical
r = 2 m, Reference: 1 m, 2.83 V, smoothed 2/oct.
Frequency / Hz
On-Axis
10°
20°
30°
40°
50°
60°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com