Electronic Components Datasheet Search
  English  ▼

X  

OS80 Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # OS80
Description  2 Way Outdoor Loudspeaker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

OS80 Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  OS80 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. OS80 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved. OS80 Datasheet HTML 3Page - Danley Sound Labs. All Rights Reserved. OS80 Datasheet HTML 4Page - Danley Sound Labs. All Rights Reserved. OS80 Datasheet HTML 5Page - Danley Sound Labs. All Rights Reserved. OS80 Datasheet HTML 6Page - Danley Sound Labs. All Rights Reserved. OS80 Datasheet HTML 7Page - Danley Sound Labs. All Rights Reserved. OS80 Datasheet HTML 8Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Rev. 202210071615
OS80
2 Way Outdoor Loudspeaker
© 2022 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
The loudspeaker shall utilize the Synergy Horn patented enclosure. The coverage pattern shall be 80° conical.
The loudspeaker shall have an operating range of +/- 3 dB 113 Hz – 18 kHz. Sensitivity of 101 dBSPL @ 1m. Output
of 127dBSPL/133 dBSPL Peak. Power handling shall be 400 Watts continuous, 800 Watts program.
The loudspeaker shall be constructed of thermal molded poly composite, with an aluminum grill. The Loud-
speaker shall be the Danley Sound Labs OS80.
ARCHITECT/ENGINEERS SPECS
Sensitivity
Impedance
Horizontal Polar Response
Horizontal Directivity Contour
Vertical Polar Response
Vertical Directivity Contour



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com