Electronic Components Datasheet Search
  English  ▼

X  

HE83134 Datasheet(PDF) 11 Page - King blillion Electronics Co.,Ltd.

Part # HE83134
Description  8-BIT MICRO-CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83134 Datasheet(HTML) 11 Page - King blillion Electronics Co.,Ltd.

Back Button HE83134 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83134 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83134 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83134 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83134 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83134 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83134 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83134 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83134 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image



  
 


 


 


 


 


 


 


 













G1%  )   
I
  )
   )J((G:K:=.*+,L
  





No Capacitor
Tripple Charge Pump is selected
LCD Max. Voltage=LV3=VDD
Please Refer
AN022 for Speech
Output Circuit
Buzzer
or
Speaker
Circuit
Passive
Bias &
Filter
Circuit
Tripple Charge Pump is selected
LCD Max. Voltage=LV3=3/2*VDD
LCD PANEL
External Slow Clock:
Crystal osc.
External Fast Clock:
RC osc.
External Fast Clock:
Crystal osc.
No External Parts is
necessary if user adopt
Internal Fast RC
Clock
External Slow Clock:
RC osc.
Floating































 


 ! "

#


 $! "
%&






'()*
+

,-
,-
 -./
.0/1 +.0/
.0/
./
 2
+







+.(/
.0/1 +.&/
0.0/1 +.("/

3# 45
0"&#
-%6
7&# 45
&



,
 
0 



#
(




Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com