Electronic Components Datasheet Search
  English  ▼

X  

54879 Datasheet(PDF) 3 Page - Belden Inc.

Part # 54879
Description  CANopen / DeviceNet Data Single-Ended Cordset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

54879 Datasheet(HTML) 3 Page - Belden Inc.

  54879 Datasheet HTML 1Page - Belden Inc. 54879 Datasheet HTML 2Page - Belden Inc. 54879 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Halogenfree:
DIN EN 50267-2-1, IEC 60754-1, VDE 0482-267-2-1
Notes
Note Derating:
Notice derating
Protection Degree / IP Rating
Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Note:
Do not connect or disconnect under load.
Variants
Item #
Item Description
Cable Length
934637253 0935 253 104/0,2 M 0.2 m
934637388 0935 253 104/0,3 M 0.3 m
83982
0935 253 104/0,6 M 0.6 m
10969
0935 253 104/1 M
1 m
42119
0935 253 104/1,5 M 1.5 m
30602
0935 253 104/2 M
2 m
10970
0935 253 104/3 M
3 m
10971
0935 253 104/5 M
5 m
667
0935 253 104/7 M
7 m
18314
0935 253 104/10 M
10 m
27309
0935 253 104/15 M
15 m
54879
0935 253 104/20 M
20 m
107860
0935 253 104/25 M
25 m
106054
0935 253 104/45 M
45 m
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com