Electronic Components Datasheet Search
  English  ▼

X  

OS80-B Datasheet(PDF) 4 Page - Danley Sound Labs. All Rights Reserved.

Part # OS80-B
Description  2 Way Outdoor Loudspeaker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

OS80-B Datasheet(HTML) 4 Page - Danley Sound Labs. All Rights Reserved.

  OS80-B Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. OS80-B Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved. OS80-B Datasheet HTML 3Page - Danley Sound Labs. All Rights Reserved. OS80-B Datasheet HTML 4Page - Danley Sound Labs. All Rights Reserved. OS80-B Datasheet HTML 5Page - Danley Sound Labs. All Rights Reserved. OS80-B Datasheet HTML 6Page - Danley Sound Labs. All Rights Reserved. OS80-B Datasheet HTML 7Page - Danley Sound Labs. All Rights Reserved. OS80-B Datasheet HTML 8Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Rev. 202210071615
OS80
2 Way Outdoor Loudspeaker
© 2022 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
19.65
28.05
.40
1.50
8.00
8.00
2.50
2.50
7
16 "x2
9
16 "
5
16 "x2
3.00
1.50
4.00
4.00
7
16 "x6
7/19/2017
CBH
UNLESS OTHERWISE SPECIFIED:
SCALE: 1:8
REV: 2
Last Save Date: Wednesday, July 19, 2017 3:06:53 PM
A
SIZE
TITLE: OS80 U Bracket
Q.A.
MFG APPR.
ENG APPR.
DRAWN
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL
ANGULAR: MACH
BEND
TWO PLACE DECIMAL
THREE PLACE DECIMAL
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
QUALITY MUSICAL SYSTEMS, INC. ANY
REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF
QUALITY MUSICAL SYSTEMS, INC. IS
PROHIBITED.
5
4
3
2
1
Danley Sound Labs
FINISH
DO NOT SCALE DRAWING
MATERIAL
U-Bracket



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com