Electronic Components Datasheet Search
  English  ▼

X  

2521 Datasheet(PDF) 1 Page - Belden Inc.

Part # 2521
Description  Fast Ethernet Cat5e Data Single-Ended Cordset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2521 Datasheet(HTML) 1 Page - Belden Inc.

  2521 Datasheet HTML 1Page - Belden Inc. 2521 Datasheet HTML 2Page - Belden Inc. 2521 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 0985 342 130
Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male,
angled, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR
green cable, 4-wires, 2x2x0.34 mm²
Product Description
Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male, angled, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR green
cable, 4-wires, 2x2x0.34 mm²
Technical Drawing
Technical Specifications
Face View
Pin 1
Pin 2
Pin 3
Pin 4
yellow white orange blue
Technical Data
Product Family:
Data Connectors
Product Sub Family:
M12 Standard
Brand:
Lumberg Automation
Connector Type:
Cordset, single ended
Type of Contact / Gender: Male
Connector Design:
Angled
Number of Pins:
4
Coding:
D
Shielding:
Shielded
Attachment Type:
Coupling Screw
Rated Voltage:
60 V
Rated Voltage (UL):
30 V AC/DC
Rated Impulse Voltage:
1.5 kV
Operating Voltage:
50 V AC / 60 V DC
Rated Current*:
4 A
Rated Current (UL)*:
4 A


Similar Part No. - 2521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2521 PHOENIX-2521 Datasheet
210Kb / 3P
VARIOFACE Professional for system cabling applications
2014-08-08
logo
Heyco.
2521 HEYCO-2521 Datasheet
91Kb / 1P
Feets of Strength
logo
Adafruit Industries
2521 ADAFRUIT-2521 Datasheet
172Kb / 3P
Adafruit FONA - uFL Version Starter Pack
logo
KR Electronics, Inc.
2521-1 KR-2521-1 Datasheet
23Kb / 2P
Bandpass Filter
2521-2 KR-2521-2 Datasheet
23Kb / 2P
Bandpass Filter
More results

Similar Description - 2521

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
Single Chip Fast Ethernet NIC Controller
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
SINGLE PORT FAST ETHERNET TRANSCEIVER
26-Oct-2000
logo
Molex Electronics Ltd.
1300610080 MOLEX11-1300610080 Datasheet
29Kb / 1P
Mini-Change A-Size Single-Ended Cordset
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
Molex Electronics Ltd.
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com