Electronic Components Datasheet Search
  English  ▼

X  

601 Datasheet(PDF) 3 Page - Belden Inc.

Part # 601
Description  Fast Ethernet Cat5e Data Double-Ended Cordset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

601 Datasheet(HTML) 3 Page - Belden Inc.

  601 Datasheet HTML 1Page - Belden Inc. 601 Datasheet HTML 2Page - Belden Inc. 601 Datasheet HTML 3Page - Belden Inc. 601 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Cable Diameter D:
ø 6.50 ± 0.20 mm
Wire Insulation Material:
PP
Insulated Wire Diameter:
ø 1.58 ± 0.05 mm
Overall Shield (Cable):
Cu-ETP1 tinned
Foil shield:
Al-PT Foil
Ambient Temperature
(Fixed Installation):
- 50 °C - + 80 °C
Ambient Temperature
(Flex Installation):
- 25 °C - + 80 °C
Ambient Temperature
(Drag Chain Inst):
- 25 °C - + 60 °C
UL Cable Type:
AWM: 20549
Flammability Class (Cable
Jacket):
DIN EN 60332-2-2, VDE 0482-332-2-2, IEC 60332-2-2, CSA FT-2, flame-retardant
Cable Characteristics:
Exclusion of dangerous materials; Line construction similar PROFInet C-Specification; Line requirements similar: IEC 11801, IEC 61156 (CAT 5), EN 50173, EN 50288-2-2
(100MHz-cable and EIA/TIA 568 B (CAT 5e), Good microbes and hydrolysis resistance; Mainly plasticizer diffusion free; Good chemical and oil resistance; Exclusion of PVC and
Silicone; LABS-free of lacquer wetting disturbing substances; Coldness flexibility
Core Colors:
star quad: white & blue, yellow & orange
Technical Data Side 2
Product Sub Family, Side
2:
M12 Standard
Type of Contact / Gender,
Side 2:
Male
Connector Design, Side 2:
Straight
Attachment Type, Side 2:
Coupling Screw
Number of Pins, Side 2:
4
Coding, Side 2:
D
Contact Resistance, Side
2:
≤ 10 mOhm
Insulation Resistance,
Side 2:
˃ 10^9 Ohm
Mating Cycles, Side 2:
≤ 100
Ambient Temperature
(Operation), Side 2*:
- 40 °C - + 90 °C
Protection Degree / IP
Rating, Side 2**:
IP65, IP67, IP69K
Design Standard, Side 2:
IEC 61076-2-101
Pollution Degree, Side 2:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Overvoltage Category,
Side 2:
III acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material,
Side 2:
CuSn
Contact Plating, Side 2:
Cu/Au
Contact Bearer Material,
Side 2:
PBT
Contact Bearer Color,
Side 2:
Black
Flammability Class
(Contact Bearer), Side 2:
UL 94 HB
Molded Body Material,
Side 2:
TPU
Molded Body Color, Side
2:
Black
Flammability Class
(Molded Body), Side 2:
UL 94 HB
Attachment Material, Side
2:
CuZn
Attachment Plating, Side 2: Nickel-plated
Shielding Material, Side 2:
CuZn, tin-plated
Fastening Torque
(Attachment), Side 2:
M 12x1: (50-60) Ncm, hand-tight
Safety & Environmental Compliance
RoHS Compliant:
yes
Resistances



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com