Electronic Components Datasheet Search
  English  ▼

X  

2134 Datasheet(PDF) 3 Page - Belden Inc.

Part # 2134
Description  Fast Ethernet Cat5e Data Double-Ended Cordset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2134 Datasheet(HTML) 3 Page - Belden Inc.

  2134 Datasheet HTML 1Page - Belden Inc. 2134 Datasheet HTML 2Page - Belden Inc. 2134 Datasheet HTML 3Page - Belden Inc. 2134 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Core Colors:
white, blue, yellow, orange
Technical Data Side 2
Product Sub Family, Side 2:
RJ45 Field Attachable
Type of Contact / Gender, Side 2:
Male
Connector Design, Side 2:
Straight
Number of Pins, Side 2:
4
Coding, Side 2:
RJ45
Contact Resistance, Side 2:
≤ 20 mOhm
Insulation Resistance, Side 2:
˃ 10^9 Ohm
Mating Cycles, Side 2:
≤ 750
Ambient Temperature (Operation), Side 2*:
- 40 °C - + 70 °C
Protection Degree / IP Rating, Side 2**:
IP20
Design Standard, Side 2:
IEC 60603-7
Overvoltage Category, Side 2:
I acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material, Side 2:
CuSn
Contact Plating, Side 2:
Cu/Au
Contact Bearer Material, Side 2:
PA
Contact Bearer Color, Side 2:
Black
Flammability Class (Contact Bearer), Side 2: UL 94 V-0
Housing Material, Side 2:
PA
Housing Color, Side 2:
Black
Flammability Class (Housing), Side 2:
UL 94 V-0
Shielding Material, Side 2:
Copper, nickel-plated
Safety & Environmental Compliance
RoHS Compliant:
yes
Resistances
Oil Resistance:
UL OIL RES I
Notes
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Note Derating:
Notice derating
History
Update and Revision:
Revision Number: 0.53 Revision Date: 02-03-2025
Variants
Item #
Item Description
Cable Length
2121
0985 S4742 502/0,5 M 0.5 M
2123
0985 S4742 502/1 M
1 M
8833
0985 S4742 502/1,5 M 1.5 M
2126
0985 S4742 502/2 M
2 M
2127
0985 S4742 502/3 M
3 M
2128
0985 S4742 502/5 M
5 M
2130
0985 S4742 502/8 M
8 M
2131
0985 S4742 502/10 M
10 M
2132
0985 S4742 502/15 M
15 M
2133
0985 S4742 502/20 M
20 M
5413
0985 S4742 502/25 M
25 M
2134
0985 S4742 502/30 M
30 M
2136
0985 S4742 502/35 M
35 M
9249
0985 S4742 502/40 M
40 M
2137
0985 S4742 502/45 M
45 M
2138
0985 S4742 502/50 M
50 M
21102 0985 S4742 502/55 M
55 M
2139
0985 S4742 502/60 M
60 M
2140
0985 S4742 502/70 M
70 M
12684 0985 S4742 502/80 M
80 M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com