Electronic Components Datasheet Search
  English  ▼

X  

107003 Datasheet(PDF) 4 Page - Belden Inc.

Part # 107003
Description  Fast Ethernet Cat5e Data Double-Ended Cordset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

107003 Datasheet(HTML) 4 Page - Belden Inc.

  107003 Datasheet HTML 1Page - Belden Inc. 107003 Datasheet HTML 2Page - Belden Inc. 107003 Datasheet HTML 3Page - Belden Inc. 107003 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Halogenfree:
DIN EN 50267-2-1, IEC 60754-1, VDE 0482-267-2-1
Oil Resistance:
EN 60811 Part 2-1
Notes
Protection Degree / IP
Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Note Derating:
Notice derating
History
Update and Revision:
Revision Number: 0.71 Revision Date: 02-03-2025
Variants
Item #
Item Description
Cable Length
108549
0985 342 100/0,3 M
0.3 m
69453
0985 342 100/0,5 M
0.5 m
11949
0985 342 100/0,6 M
0.6 m
69873
0985 342 100/1 M
1 m
687
0985 342 100/1,5 M
1.5 m
64367
0985 342 100/2 M
2 m
934637354 0985 342 100/12,5 M 12.5 m
11951
0985 342 100/2,5 M
2.5 m
68412
0985 342 100/3 M
3 m
601
0985 342 100/3,5 M
3.5 m
934637655 0985 342 100/4 M
4 m
66462
0985 342 100/5 M
5 m
589
0985 342 100/6 M
6 m
934636680 0985 342 100/7,5 M
7.5 m
934637355 0985 342 100/17,5 M 17.5 m
233
0985 342 100/8 M
8 m
5999
0985 342 100/9 M
9 m
66463
0985 342 100/10 M
10 m
72708
0985 342 100/15 M
15 m
66464
0985 342 100/20 M
20 m
83229
0985 342 100/25 M
25 m
72710
0985 342 100/30 M
30 m
107003
0985 342 100/35 M
35 m
70053
0985 342 100/40 M
40 m
107004
0985 342 100/45 M
45 m
83230
0985 342 100/50 M
50 m
107005
0985 342 100/55 M
55 m
934636103 0985 342 100/60 M
60 m
13904
0985 342 100/65 M
65 m
83231
0985 342 100/70 M
70 m
934637387 0985 342 100/75 M
75 m
67568
0985 342 100/80 M
80 m
5
0985 342 100/85 M
85 m
83232
0985 342 100/90 M
90 m
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com