Electronic Components Datasheet Search
  English  ▼

X  

RST5-RKT5-MF293 Datasheet(PDF) 2 Page - Belden Inc.

Part # RST5-RKT5-MF293
Description  Sensor/Actuator Double-Ended Cordset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RST5-RKT5-MF293 Datasheet(HTML) 2 Page - Belden Inc.

  RST5-RKT5-MF293 Datasheet HTML 1Page - Belden Inc. RST5-RKT5-MF293 Datasheet HTML 2Page - Belden Inc. RST5-RKT5-MF293 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Ambient Temperature (Operation)*:
-25 °C - + 80 °C
Protection Degree / IP Rating**:
IP67
Design Standard:
IEC 61076-2-101
Contact Base Material:
CuSn
Contact Plating:
Orange
Contact Bearer Material:
TPU
Contact Bearer Color:
Orange
Flammability Class (Contact Bearer):
UL 94 V-0
Molded Body Material:
TPU
Molded Body Color:
Translucent
Flammability Class (Molded Body):
UL 94 HB
Attachment Material:
CuZn
Attachment Plating:
Nickel-plated
Fastening Torque (Attachment):
M 12x1: (50-60) Ncm, hand-tight
Cable Data
Cable Number:
MF293
Conductor Size:
0.34 mm²
Number of Wires:
5
Conductor material:
Cu
Cable Jacket Material:
Special Compond Polyurethane based
Cable Jacket Color:
Black
Cable Diameter D:
5.7 ± 0.20 mm
Wire Insulation Material:
PVC
Ambient Temperature (Fixed Installation):
-30 °C - + 80 °C
Flammability Class (Cable Jacket):
IEC 60332-1/FT-2
Technical Data Side 2
Product Sub Family, Side 2:
M12 Standard
Type of Contact / Gender, Side 2:
Female
Connector Design, Side 2:
Straight
Attachment Type, Side 2:
Coupling Nut
Number of Pins, Side 2:
5
Coding, Side 2:
A
Contact Resistance, Side 2:
≤ 10 mOhm
Insulation Resistance, Side 2:
˃ 10^9 Ohm
Ambient Temperature (Operation), Side 2*:
-25 °C - + 80 °C
Protection Degree / IP Rating, Side 2**:
IP67
Design Standard, Side 2:
IEC 61076-2-101
Contact Base Material, Side 2:
CuSn
Contact Plating, Side 2:
Orange
Contact Bearer Material, Side 2:
TPU
Contact Bearer Color, Side 2:
Orange
Flammability Class (Contact Bearer), Side 2: UL 94 V-0
Molded Body Material, Side 2:
TPU
Molded Body Color, Side 2:
Translucent
Flammability Class (Molded Body), Side 2:
UL 94 HB
Attachment Material, Side 2:
CuZn
Attachment Plating, Side 2:
Nickel-plated
Fastening Torque (Attachment), Side 2:
M 12x1: (50-60) Ncm, hand-tight
Notes
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
History



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com