Electronic Components Datasheet Search
  English  ▼

X  

BAS19W Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS19W
Description  SURFACE MOUNT SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS19W Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS19W Datasheet HTML 1Page - Pan Jit International Inc. BAS19W Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-MAR.03.2004
DATA SHEET
BAS19W~BAS21W
.087(2.2)
.054(1.35)
.056(1.40)
.006(.15)
.016(.40)
.070(1.8)
.045(1.15)
.047(1.20)
.004(.10)MAX.
.002(.05)
.078(.20)
SOT-323
Unit: inch (mm)
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
120-250 Volts
200mWatts
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• Electrically Identical to Standard JEDEC
• High Conductance
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICAL DATA
Case: SOT-323, Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.0052 gram
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
NOTE:
1. CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
Ω
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SW
9
1
S
A
BW
0
2
S
A
BW
1
2
S
A
BS
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
8
A0
8
A2
8
A
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V R
0
0
10
5
10
0
2V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V RM
0
2
10
0
20
5
2V
h
t
i
w
n
o
i
t
a
c
i
f
i
t
c
e
R
e
v
a
W
f
l
a
H
,
)
e
g
a
r
e
v
A
(
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
z
H
0
5
=
>
f
d
n
a
d
a
o
L
e
v
i
t
s
i
s
e
R
IO
0
0
2A
m
s
u
0
.
1
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
IFS M
5
.
2A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O CP TO T
0
0
2W
m
A
1
.
0
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V F
0
.
1V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
T J
5
2
=
O C
IR
1
.
0A
u
)
1
s
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C J
0
.
5F
p
)
2
s
e
t
o
N
(
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
T RR
0
5s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
M
R
θ A
J5
2
6
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T J,T STG
0
5
1
+
o
t
5
5
-
O C
SINGLE


Similar Part No. - BAS19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19W PANJIT-BAS19W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19W WTE-BAS19W Datasheet
45Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Comchip Technology
BAS19W COMCHIP-BAS19W Datasheet
79Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - BAS19W

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com