Electronic Components Datasheet Search
  English  ▼

X  

STA333ML13TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA333ML13TR
Description  Sound Terminal TM 2 channel microless high efficiency digital audio system
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML13TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA333ML13TR Datasheet HTML 3Page - STMicroelectronics STA333ML13TR Datasheet HTML 4Page - STMicroelectronics STA333ML13TR Datasheet HTML 5Page - STMicroelectronics STA333ML13TR Datasheet HTML 6Page - STMicroelectronics STA333ML13TR Datasheet HTML 7Page - STMicroelectronics STA333ML13TR Datasheet HTML 8Page - STMicroelectronics STA333ML13TR Datasheet HTML 9Page - STMicroelectronics STA333ML13TR Datasheet HTML 10Page - STMicroelectronics STA333ML13TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STA333ML
Electrical specifications
7/15
3.4
Electrical characteristics
Table 5.
Electrical characteristics
(VCC = 18 V,VDD_DIG=3.3 V fsw = 384 kHz, Tamb = 25 °C, RL = 8 Ω unless otherwise
specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Po
Output power BTL
THD = 1 %
16
W
THD = 10%
20
RdsON
Power Pchannel/Nchannel
MOSFET (Total Bridge)
ld=1A
180
250
m
Ω
ldss
Power Pchannel/Nchannel
leakage
Vcc = 18V
10
µA
gP
Power Pchannel RdsON
Matching
ld=1A
95
%
gN
Power Nchannel RdsON
Matching
ld=1A
95
%
ILDT
Low current dead time (static)
Resistive load Figure 3.5
10
ns
IHDT
High current dead time
(dynamic)
@lload = 1.5 A (Figure 5)10
20
ns
tr
Rise time
Resistive load Figure 3.8
10
ns
tf
Fall time
Resistive load Figure 3.8
10
ns
VCC
Supply voltage operating
voltage
4.5
18
V
Icc
Supply current from Vcc in
power down
PWRDN = 0
0.1
mA
Supply current from Vcc in
operation
PCM Input signal = -60 dBFS.
Switching frequency = 384KHz
No LC filters
30
mA
Supply current DDX processing
(reference only)
Internal clock = 49.152 MHz
80
mA
Ilim
Overcurrent limit
Nonlinear output
2.2
3.5
4.3
A
Isc
short circuit protection
Hi-Z output
2.7
3.8
5.0
A
UVL
Under voltage protection
threshold
3.5
4.3
V
tmin
Output minimum pulse width
No load
20
30
60
ns
DR
Dynamic range
100
dB
SNR
Signal to noise ratio
A - weighted
94
dB
THD+N
Total harmonic distortion +
noise
Po = 1 W, f = 1 kHz
0.05
0.2
%
PSRR
Power supply rejection ratio
DDX stereo, <5 kHz
Vripple = 1 VRMS
Audio input = dither only
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com