Electronic Components Datasheet Search
  English  ▼

X  

AMMLPABEJE Datasheet(PDF) 2 Page - Abracon Corporation

Part # AMMLPABEJE
Description  Low Power, Low Jitter MEMS Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMMLPABEJE Datasheet(HTML) 2 Page - Abracon Corporation

  AMMLPABEJE Datasheet HTML 1Page - Abracon Corporation AMMLPABEJE Datasheet HTML 2Page - Abracon Corporation AMMLPABEJE Datasheet HTML 3Page - Abracon Corporation AMMLPABEJE Datasheet HTML 4Page - Abracon Corporation AMMLPABEJE Datasheet HTML 5Page - Abracon Corporation AMMLPABEJE Datasheet HTML 6Page - Abracon Corporation AMMLPABEJE Datasheet HTML 7Page - Abracon Corporation AMMLPABEJE Datasheet HTML 8Page - Abracon Corporation AMMLPABEJE Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AMMLP series
Low Power, Low Jitter MEMS Oscillator
Revision:
Initial Release 4/30/2024
Page 2
Disclaimer
Check Inventory
S
Request Samples
Parameters
Min.
Typ.
Max.
Units
Notes
Input Logic Levels
VIH
0.7*VDD
V
Input logic High, Note 3
VIL
0.3*VDD
Input logic Low, Note 3
Power Supply Ramp (tPU)
0.1
100
ms
Note 2
Start-up Time (tsu)
2.5
ms
From 90% VDD until the output start toggling
Output Enable Time (tOE)
1
µs
Pin 1 configured as OE
2
ms
Pin 1 configured as Standby
Output Disable Time (tODS)
15
ns
From OE toggle to output OFF
Rise (Tr) / Fall (Tf) Time
20% ↔ 80%, CL= 10 pF
1.4/1.3
ns
VDD = 1.8V
1.1/1.0
VDD = 2.5V
1.2/1.0
VDD = 3.3V
Cycle-to-Cycle Jitter (Peak)
FOUT = 25MHz
40
ps
VDD = 1.8V
18
VDD = 2.5V
15
VDD = 3.3V
Period Jitter (Peak-to-Peak)
FOUT = 25MHz
45
ps
VDD = 1.8V
20
VDD = 2.5V
18
VDD = 3.3V
RMS Period Jitter
FOUT = 25MHz
6
ps
VDD = 1.8V
2.5
VDD = 2.5V
2.5
VDD = 3.3V
RMS Phase Jitter
1
ps
VDD = 3.3V, Ta = 25°C± 3°C,
12kHz to 20MHz, FOUT = 100MHz
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Voltage
-0.3
+4.0
V
LVTTL Input Voltage
-0.3
VDD+0.3
V
Maximum Junction Operating Temperature
+125
ºC
Ambient Operating Temperature Range
-40
+125
ºC
Extended Industrial
Ambient Operating Temperature Range
-40
+105
ºC
Extended Industrial
Ambient Operating Temperature Range
-40
+85
ºC
Industrial
Ambient Operating Temperature Range
-20
+70
ºC
Extended Commercial
Reflow Temperature
+260
ºC
See Reflow Profile
ESD Protection
4kV HBM, 400V MM, 2kV CDM
Absolute Maximum Ratings (Note 4)
Note 1:
Overall frequency stability includes initial frequency tolerance @25°C± 3°C and stability over the operating temperature range.
Note 2:
Time to reach 90% of target VDD. Power ramp must be monotonic.
Note 3:
Input waveform must be monotonic with rise/fall time <10 ms.
Note 4:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. The data sheet limits are not guaranteed if the device is operated beyond the recommended
operating conditions.
Electrical Specifications continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com