Electronic Components Datasheet Search
  English  ▼

X  

BAS70 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BAS70
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS70 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAS70 Datasheet HTML 1Page - Pan Jit International Inc. BAS70 Datasheet HTML 2Page - Pan Jit International Inc. BAS70 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-MAY.31.2004
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3.0K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
IMPORTANT NOTICE
This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation
of the device in the application. The information will help the customer's technical experts determine that the device is
compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed
to be reliable and accurate. The specifications and information herein are subject to change without notice. New products
and improvements in products and product characterization are constantly in process. Therefore, the factory should be
consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright
owner.
The information presented in this document does not form part of any quotation or contract. The information presented is
believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the
publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.
SOT-23
Unit: inch (mm)
0.037(0.95)
0.031(0.8)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com