Electronic Components Datasheet Search
  English  ▼

X  

HE89A20 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE89A20
Description  8-BIT MICRO-CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89A20 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE89A20 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE89A20 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE89A20 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE89A20 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE89A20 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE89A20 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE89A20 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image


 


 



 


 


 


 


 


 













   
  


-
.


#

/0(1 2() 31435 ,0
40030*436)(14
4 *0( " 7! 589 :
! 892;<036
"
 


#

/0(1 )14= 31435 ,0
40030* =+ " 7! 89
36)(1 4 ))4 () )14=
31435 (0> ,4?>0* 31435
)4<324% >),1(6#
 # () (0>
4+00(11435)
()54,40)0*
@AB--14=14354016
-11*(1
- <(11435
()14354016
@B-00(12()4)3
B/0(12()4)3
@C%B-4)3242()31435
BCD(14)3242()31435
@C%B-24" 7!8931435
BCD(124" 7!8931435
E)  (0>   4 )=3+ (40* >220 4,(40
4> FA %# %#  % (0> %G 0 <(1
14354>#+(0)6)31435))11+()1435
+" 7!8931435)24% (0>4016
!
 

6))
%?1**#(3?14=/3,24<)0*+),0#<)0*
()5 4,40 F @BG 34<1> 0(1  <1>0
4=40)33<
)>)# @ 3(0)(3+ 4*
@ B- )(1(3+ 4*

B0(1(3+ 4*

 

)0
1() 40> +) ,0 (0> (>> ( ) ,40 40  24
><**0*%(?+),0214(0*)
7#!

  !,0>340(1,4
()54,40)
@H7-IB:<)+,<11
B-:,0>(0
<,<<)JK24(>0*=+0?<)+()
0,<FA4)()<3<G
.

 
!,0>340(1,4
 H7L I(1)43(0<)4
J(5<,K,0 M  H7LI
3(0<)4J0<,0,<K
()54,40)
@ H7-IB:<)+,<11
B-:,0>(0
<,<<)JK24(>0*=+0?<)+()
0,<FA4)()<3<G


  !,0>340(1,4
()54,40)
@H7-IB:<)+,<11
B-:,0>(0
<,<<)JK24(>0*=+0?<)+()
0,<FA4)()<3<G
7   !,0>340(1,4
()54,40)
@H7-IB:<)+,<11
B-:,0>(0
<,<<)JK24(>0*=+0?<)+()
0,<FA4)()<3<G



 <,<
E)4 3(0<040422
E) ()5,40 @ )+1435)4<3
  @ B-14354<3B"7. 89



B14354<3B" 7!89



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com