Electronic Components Datasheet Search
  English  ▼

X  

RT8008 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8008
Description  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8008 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8008 Datasheet HTML 1Page - Richtek Technology Corporation RT8008 Datasheet HTML 2Page - Richtek Technology Corporation RT8008 Datasheet HTML 3Page - Richtek Technology Corporation RT8008 Datasheet HTML 4Page - Richtek Technology Corporation RT8008 Datasheet HTML 5Page - Richtek Technology Corporation RT8008 Datasheet HTML 6Page - Richtek Technology Corporation RT8008 Datasheet HTML 7Page - Richtek Technology Corporation RT8008 Datasheet HTML 8Page - Richtek Technology Corporation RT8008 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT8008
1
DS8008-04
March 2007
www.richtek.com
Features
l
+2.5V to +5.5V Input Range
l
Adjustable Output From 0.6V to VIN
l
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/
Adjustable Output Voltage
l
600mA Output Current, 1A Peak Current
l
95% Efficiency
l
No Schottky Diode Required
l
1.5MHz Fixed-Frequency PWM Operation
l
Small SOT-23-5 and TSOT-23-5 Package
l
RoHS Compliant and 100% Lead (Pb)-Free
Applications
l
Cellular Telephones
l
Personal Information Appliances
l
Wireless and DSL Modems
l
MP3 Players
l
Portable Instruments
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC
Converter
General Description
The RT8008 is a high-efficiency pulse-width-modulated
(PWM) step-down DC-DC converter. Capable of delivering
600mA output current over a wide input voltage range from
2.5V to 5.5V, the RT8008 is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources within the range such
as cellular phones, PDAs and handy-terminals.
Internal synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. No external
Schottky diode is required in practical application. The
RT8008 automatically turns off the synchronous rectifier
while the inductor current is low and enters discontinuous
PWM mode. This can increase efficiency at light load
condition.
The RT8008 enters Low-Dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper P-MOSFET. RT8008 enter shutdown
mode and consumes less than 0.1
µAwhen EN pin is pulled
low.
The switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operation
frequency of 1.5MHz. This along with small SOT-23-5 and
TSOT-23-5 package provides small PCB area application.
Other features include soft start, lower internal reference
voltage with 2% accuracy, over temperature protection,
and over current protection.
Note :
RichTek Pb-free and Green products are :
}RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
}Suitable for use in SnPb or Pb-free soldering processes.
}100% matte tin (Sn) plating.
Ordering Information
Pin Configurations
(TOP VIEW)
SOT-23-5/TSOT-23-5
EN
GND
LX
FB/VOUT
2
3
5
4
1
VIN
RT8008(-
)
Package Type
B : SOT-23-5
J5 : TSOT-23-5
Output Voltage
Default : Adjustable
10 : 1.0V
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT8008

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
388Kb / 14P
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
454Kb / 10P
Evaluation Board
RT8008-25GB RICHTEK-RT8008-25GB Datasheet
388Kb / 14P
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-25GB RICHTEK-RT8008-25GB Datasheet
454Kb / 10P
Evaluation Board
More results

Similar Description - RT8008

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com