Electronic Components Datasheet Search
  English  ▼

X  

RT8012APQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8012APQW
Description  Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8012APQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8012APQW Datasheet HTML 5Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 6Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 7Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 8Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 9Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 10Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 11Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 12Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT8012A
9
DS8012A-01 March 2007
www.richtek.com
Preliminary
Regulator 2 Output Voltage vs. Temperature
1.18
1.19
1.20
1.21
1.22
1.23
1.24
-50
-25
0
255075
100
125
Temperature
VIN = 5V, VOUT = 1.2V, IOUT = 0A
(
°C)
Regulator 1 Output Voltage vs. Temperature
3.28
3.29
3.3
3.31
3.32
3.33
3.34
3.35
3.36
-50
-25
0
25
50
75
100
125
Temperature
VIN = 5V, VOUT = 3.3V, IOUT = 0A
(
°C)
Regulator 1 Power Good Delay
Time (1ms/Div)
IOUT
(1A/Div)
PGOOD
(5V/Div)
VIN
(2V/Div)
VIN = 5V, VOUT = 3.3V, IOUT = 1A
VOUT
(2V/Div)
Regulator 2 Load Regulation
1.210
1.212
1.214
1.216
1.218
1.220
1.222
1.224
1.226
1.228
1.230
0.00
0.25
0.50
0.75
1.00
1.25
1.50
Output Current (A)
VIN = 5V, VOUT = 1.2V
Regulator 1 Load Regulation
3.330
3.331
3.332
3.333
3.334
3.335
3.336
3.337
3.338
3.339
3.340
0.0
0.1 0.2
0.3
0.4
0.5 0.6
0.7
0.8 0.9
1.0
Output Current (A)
VIN = 5V, VOUT = 3.3V
Regulator 2 Power Good Delay
Time (1ms/Div)
IOUT
(1A/Div)
PGOOD
(5V/Div)
VIN
(2V/Div)
VIN = 5V, VOUT = 1.2V, IOUT = 1.5A
VOUT
(2V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com