Electronic Components Datasheet Search
  English  ▼

X  

RT8100 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8100
Description  Synchronous buck PWM DC/DC with Dual Voltage Control Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8100 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8100 Datasheet HTML 1Page - Richtek Technology Corporation RT8100 Datasheet HTML 2Page - Richtek Technology Corporation RT8100 Datasheet HTML 3Page - Richtek Technology Corporation RT8100 Datasheet HTML 4Page - Richtek Technology Corporation RT8100 Datasheet HTML 5Page - Richtek Technology Corporation RT8100 Datasheet HTML 6Page - Richtek Technology Corporation RT8100 Datasheet HTML 7Page - Richtek Technology Corporation RT8100 Datasheet HTML 8Page - Richtek Technology Corporation RT8100 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RT8100
Preliminary
2
DS8100-03 August 2007
www.richtek.com
Typical Application Circuit
BOOT
UGATE
PHASE
LGATE
RR
12VCC
5VSB
PVCC
RT8100
15
4
16
1
11
12
13
14
CSP
CSN
COMP
PI
VIN
8
5
6
VOUT
10
2
SS
RT
I_IND
FB
12V
CC
5VSB
5VSB
9
3
7
opt.
Figure 1. 12V-5V PI Application Circuit
Figure 2. 12V-5V Internal VREF Application Circuit
BOOT
UGATE
PHASE
LGATE
RR
12VCC
5VSB
PVCC
RT8100
15
4
16
1
11
12
13
14
CSP
CSN
COMP
PI
VIN
8
5
6
VOUT
10
2
SS
RT
I_IND
FB
12V
CC
5VSB
PI
9
3
7
0
NC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com