Electronic Components Datasheet Search
  English  ▼

X  

RT8101 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8101
Description  12V Synchronous Buck PWM DC-DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8101 Datasheet HTML 1Page - Richtek Technology Corporation RT8101 Datasheet HTML 2Page - Richtek Technology Corporation RT8101 Datasheet HTML 3Page - Richtek Technology Corporation RT8101 Datasheet HTML 4Page - Richtek Technology Corporation RT8101 Datasheet HTML 5Page - Richtek Technology Corporation RT8101 Datasheet HTML 6Page - Richtek Technology Corporation RT8101 Datasheet HTML 7Page - Richtek Technology Corporation RT8101 Datasheet HTML 8Page - Richtek Technology Corporation RT8101 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
RT8101/A
Preliminary
DS8101/A-01 March 2007
www.richtek.com
Features
Single 12V Bias Supply
Drives All Low Cost N-MOSFETs
High-Gain Voltage Model PWM Control
300kHz/600kHz Fixed Frequency Oscillator
Fast Transient Response :
High-Speed GM Amplifier
Full 0 to 100% Duty Ratio
External Compensation in the Control Loop
Internal Soft-Start
Adaptive Non-Overlapping Gate Driver
Over-Current Fault Monitor on MOSFET, No
Current Sense Resistor Required
RoHS Compliant and 100% Lead (Pb)-Free
12V Synchronous Buck PWM DC-DC
General Description
The RT8101/A are DC/DC synchronous buck PWM
controllers with embedded driver support up to 12V+12V
boot-strapped voltage for high efficiency power driving. The
parts are with full functions of voltage regulation, power
monitoring and protection into a single small footprint
packages SOP-8 and SOP-8 (Exposed Pad).
The RT8101/A apply a high-gain voltage mode PWM control
for simple application design. An internal 0.8V reference
allows the output voltage to be precisely regulated to low
voltage requirement. The parts are proposed with two type
including RT8101 and RT8101A with fixed operating
frequency of 300kHz and 600kHz respectively. Based on
the features that RT8101/A offered, the parts provide an
optimum solution between efficiency, total B.O.M. count,
and cost.
Ordering Information
Applications
Graphic Card
Motherboard, Desktop Servers
IA Equipments
Telecomm Equipments
High Power DC-DC Regulators
Pin Configurations
(TOP VIEW)
SOP-8
SOP-8(Exposed Pad)
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
PHASE
BOOT
UGATE
LGATE
GND
VCC
COMP
FB
2
3
4
5
8
7
6
BOOT
UGATE
GND
LGATE
PHASE
COMP
VCC
FB
GND
2
3
4
5
6
7
8
Package Type
S : SOP-8
SP : SOP-8 (Exposed Pad)
RT8101/A
600kHz
300kHz
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT8101

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RT810 LRC-RT810 Datasheet
57Kb / 2P
AUTOMOTIVE BRIDGE RECTIFIERS
logo
Richtek Technology Corp...
RT8100 RICHTEK-RT8100 Datasheet
427Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100A RICHTEK-RT8100A Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100AGQV RICHTEK-RT8100AGQV Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100APQV RICHTEK-RT8100APQV Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
More results

Similar Description - RT8101

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
List of Unclassifed Man...
ZSPM4022-09 ETC2-ZSPM4022-09 Datasheet
1Mb / 38P
12V/9A Synchronous DC/DC Buck Regulator
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com