Electronic Components Datasheet Search
  English  ▼

X  

RT8800BGS Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT8800BGS
Description  General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800BGS Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT8800BGS Datasheet HTML 18Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 19Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 20Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 21Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 22Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 23Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 24Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 25Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 26Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
RT8800/B
25
DS8800/B-06
March 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Outline Dimension
A
A1
A3
D
E
1
D2
E2
L
b
e
SEE DETAIL A
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.800
1.000
0.031
0.039
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.180
0.300
0.007
0.012
D
2.950
3.050
0.116
0.120
D2
1.300
1.750
0.051
0.069
E
2.950
3.050
0.116
0.120
E2
1.300
1.750
0.051
0.069
e
0.500
0.020
L
0.350
0.450
0.014
0.018
V-Type 16L QFN 3x3 Package
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com