Electronic Components Datasheet Search
  English  ▼

X  

RT8802A Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT8802A
Description  2/3/4/5-Phase PWM Controller for High-Density Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8802A Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT8802A Datasheet HTML 15Page - Richtek Technology Corporation RT8802A Datasheet HTML 16Page - Richtek Technology Corporation RT8802A Datasheet HTML 17Page - Richtek Technology Corporation RT8802A Datasheet HTML 18Page - Richtek Technology Corporation RT8802A Datasheet HTML 19Page - Richtek Technology Corporation RT8802A Datasheet HTML 20Page - Richtek Technology Corporation RT8802A Datasheet HTML 21Page - Richtek Technology Corporation RT8802A Datasheet HTML 22Page - Richtek Technology Corporation RT8802A Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
RT8802A
19
DS8802A-04 August 2007
www.richtek.com
All brandname or trademark belong to their owner respectively
Power On with OCP
SS
(2V/Div)
Time (500
μs/Div)
PWM
(5V/Div)
VR_Ready
(1V/Div)
VOUT
1V/Div)
Output Short Circuit
SS
(2V/Div)
Time (1ms/Div)
PWM
(5V/Div)
VR_Ready
(1V/Div)
VOUT
(1V/Div)
Power On from VCC12
VCC12
(10V/Div)
Time (1ms/Div)
VOUT
(1V/Div)
SS
(1V/Div)
PHASE 3
(10V/Div)
Power Off from VCC12
VCC12
(10V/Div)
Time (1ms/Div)
VOUT
(1V/Div)
SS
(1V/Div)
PHASE 3
(10V/Div)
Power Off from VCC5
VCC5
(5V/Div)
Time (25ms/Div)
VOUT
(1V/Div)
SS
(1V/Div)
PHASE 3
(10V/Div)
Power On from VCC5
VCC5
(5V/Div)
Time (1ms/Div)
VOUT
(1V/Div)
SS
(1V/Div)
PHASE 3
(10V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com