Electronic Components Datasheet Search
  English  ▼

X  

RT9006APSP Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9006APSP
Description  Dual LDO Regulator with Reset Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9006APSP Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9006APSP Datasheet HTML 2Page - Richtek Technology Corporation RT9006APSP Datasheet HTML 3Page - Richtek Technology Corporation RT9006APSP Datasheet HTML 4Page - Richtek Technology Corporation RT9006APSP Datasheet HTML 5Page - Richtek Technology Corporation RT9006APSP Datasheet HTML 6Page - Richtek Technology Corporation RT9006APSP Datasheet HTML 7Page - Richtek Technology Corporation RT9006APSP Datasheet HTML 8Page - Richtek Technology Corporation RT9006APSP Datasheet HTML 9Page - Richtek Technology Corporation RT9006APSP Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
RT9006A/B
9
DS9006A/B-05
September 2007
www.richtek.com
Figure 2. Thermal Resistance vs. Copper Area Layout Design
(d). Copper Area = 50mm
2,
θJA = 51°C/W
(e). Copper Area = 70mm2,
θJA = 49°C/W
(a). Minimum Footprint,
θJA = 75°C/W
(b). Copper Area = 10mm2,
θJA = 64°C/W
(c). Copper Area = 30mm
2,
θJA = 54°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com