Electronic Components Datasheet Search
  English  ▼

X  

RT9013 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9013
Description  500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9013 Datasheet HTML 1Page - Richtek Technology Corporation RT9013 Datasheet HTML 2Page - Richtek Technology Corporation RT9013 Datasheet HTML 3Page - Richtek Technology Corporation RT9013 Datasheet HTML 4Page - Richtek Technology Corporation RT9013 Datasheet HTML 5Page - Richtek Technology Corporation RT9013 Datasheet HTML 6Page - Richtek Technology Corporation RT9013 Datasheet HTML 7Page - Richtek Technology Corporation RT9013 Datasheet HTML 8Page - Richtek Technology Corporation RT9013 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9013
Preliminary
1
DS9013-05 August 2007
www.richtek.com
Pin Configurations
Applications
CDMA/GSM Cellular Handsets
Portable Information Appliances
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
Mini PCI & PCI-Express Cards
PCMCIA & New Cards
500mA, Low Dropout, Low Noise Ultra-Fast Without
Bypass Capacitor CMOS LDO Regulator
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
General Description
The RT9013 is a high-performance, 500mA LDO regulator,
offering extremely high PSRR and ultra-low dropout. Ideal
for portable RF and wireless applications with demanding
performance and space requirements.
The RT9013 quiescent current as low as 25
μA, further
prolonging the battery life. The RT9013 also works with
low-ESR ceramic capacitors, reducing the amount of board
space necessary for power applications, critical in hand-
held wireless devices.
The RT9013 consumes typical 0.7
μA in shutdown mode
and has fast turn-on time less than 40
μs. The other features
include ultra-low dropout voltage, high output accuracy,
current limiting protection, and high ripple rejection ratio.
Available in the SOT-23-5, SC-70-5 and WDFN-6L 2x2
package.
(TOP VIEW)
WDFN-6L 2x2
Features
Wide Operating Voltage Ranges : 2.2V to 5.5V
Low Dropout : 250mV at 500mA
Ultra-Low-Noise for RF Application
Ultra-Fast Response in Line/Load Transient
Current Limiting Protection
Thermal Shutdown Protection
High Power Supply Rejection Ratio
Output Only 1
μμμμμF Capacitor Required for Stability
TTL-Logic-Controlled Shutdown Input
RoHS Compliant and 100% Lead (Pb)-Free
SOT-23-5 / SC-70-5
RT9013
Package Type
B : SOT-23-5
U5 : SC-70-5
QW : WDFN-6L 2x2 (W-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Fixed Output Voltage
12 : 1.2V
13 : 1.3V
15 : 1.5V
16 : 1.6V
:
32 : 3.2V
33 : 3.3V
1B : 1.25V
1H : 1.85V
2H : 2.85V
-
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
EN
GND
NC
NC
VOUT
VIN
5
4
1
2
3
6
7
2
3
5
4
1
VOUT
GND
NC
VIN
EN


Similar Part No. - RT9013

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RT9013 TECHPUBLIC-RT9013 Datasheet
1Mb / 5P
500mA Higt-PSRR Voltage Regulator
RT9013-12GB TECHPUBLIC-RT9013-12GB Datasheet
1Mb / 5P
500mA Higt-PSRR Voltage Regulator
logo
Richtek Technology Corp...
RT9013-18GB RICHTEK-RT9013-18GB Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18GB RICHTEK-RT9013-18GB Datasheet
189Kb / 10P
120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18PB RICHTEK-RT9013-18PB Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
LR1120 UTC-LR1120_12 Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
A6518A AITSEMI-A6518A Datasheet
824Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, 1.2VFB,ULTRA-LOW NOISE, ULTRA-FAST
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com