Electronic Components Datasheet Search
  English  ▼

X  

RT9024 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9024
Description  Low-Dropout Linear Regulator Controller with PGOOD Indication
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9024 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9024 Datasheet HTML 1Page - Richtek Technology Corporation RT9024 Datasheet HTML 2Page - Richtek Technology Corporation RT9024 Datasheet HTML 3Page - Richtek Technology Corporation RT9024 Datasheet HTML 4Page - Richtek Technology Corporation RT9024 Datasheet HTML 5Page - Richtek Technology Corporation RT9024 Datasheet HTML 6Page - Richtek Technology Corporation RT9024 Datasheet HTML 7Page - Richtek Technology Corporation RT9024 Datasheet HTML 8Page - Richtek Technology Corporation RT9024 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9024
Preliminary
2
DS9024-01
March 2007
www.richtek.com
Functional Pin Description
Pin No.
Pin N ame
Pin Function
1
EN
Chip Enable (Active H igh).
2
GND
Ground.
3
FB
Output Voltage Feedback.
4
PGOOD
Power Good Open Drain Output.
5
DR I
Driver Output.
6
VCC
Power Supply Input.
Function Block Diagram
Test Circuit
Figure 1. Typical Test Circuit
Figure 2. DRI Source/Sink Current Test Circuit
+
-
Reference
Voltage
0.8V
0.7V
3ms
Delay
EN
DRI
FB
VCC
PGOOD
GND
Driver
VCC
VIN
PGOOD
VOUT
COUT
CIN
Ccc
RPGOOD
R1
R2
Q1
EN
GND
FB
VCC
DRI
PGOOD
RT9024
1uF
100uF
100uF
100k
1k
2k
PHD3055
12V
Chip Enable
R2
R2
R1
0.8
VOUT
+
=
1
2
34
5
6
VCC
Ccc
VDRI
CFB
A
EN
GND
FB
VCC
DRI
PGOOD
RT9024
Chip Enable
1uF
12V
5V
VFB
VFB = 1V for current sink at DRI
VFB = 0.6V for current source at DRI
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com