Electronic Components Datasheet Search
  English  ▼

X  

RT9016 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9016
Description  500mA Peak, Thermal Folded Back CMOS LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9016 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9016 Datasheet HTML 1Page - Richtek Technology Corporation RT9016 Datasheet HTML 2Page - Richtek Technology Corporation RT9016 Datasheet HTML 3Page - Richtek Technology Corporation RT9016 Datasheet HTML 4Page - Richtek Technology Corporation RT9016 Datasheet HTML 5Page - Richtek Technology Corporation RT9016 Datasheet HTML 6Page - Richtek Technology Corporation RT9016 Datasheet HTML 7Page - Richtek Technology Corporation RT9016 Datasheet HTML 8Page - Richtek Technology Corporation RT9016 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9016
2
DS9016-03 August 2007
www.richtek.com
Preliminary
Function Block Diagram
Functional Pin Description
Pin Name Pin Function
VIN
Input Voltage.
GND
Ground.
EN
Chip Enable (Active High). Note that this pin is high impedance. There should be a pull low 100k
Ω
resistor connected to GND when the control signal is floating.
BP
Reference Noise Bypass.
VOUT
Output Voltage.
Typical Application Circuit
VIN
GND
VOUT
RT9016
C
OUT
1uF
C
IN
1uF
V
IN
V
OUT
EN
BP
C
BP
22nF
Chip Enable
Current-Limit
and
Thermal
Protection
MOS Driver
-
VOUT
Shutdown
and
Logic Control
VIN
Error
Amplifier
V
REF
BP
EN
GND
Quick
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com