Electronic Components Datasheet Search
  English  ▼

X  

RT9012-JSGQW Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9012-JSGQW
Description  300mA Dual LDO Regulator with POR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9012-JSGQW Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9012-JSGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9012-JSGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9012-JSGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9012-JSGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9012-JSGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9012-JSGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9012-JSGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9012-JSGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9012-JSGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9012
Preliminary
2
DS9012-06 August 2007
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Supply Input.
2
EN1
Chip Enable1 (Active High).
3
EN2
Chip Enable2 (Active High).
4
SET
Delay Set Input. Connect external capacitor to GND to set the internal delay.
5
GND
Common Ground.
6
POR
Power-On Reset Output : Open-drain output. Active low indicates an output
under-voltage condition on regulator 2.
7
VOUT2
Channel 2 Output Voltage.
8
VOUT1
Channel 1 Output Voltage.
Exposed Pad (9) GND
The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.
Typical Application Circuit
Code
C
F
W
G
D
Y
H
E
J
K
T
Voltage
1.2
1.5
1.6
1.8
1.85
1.9
2
2.1
2.5
2.6
2.65
Code
L
M
N
V
P
Q
R
S
--
--
--
Voltage
2.7
2.8
2.85
2.9
3
3.1
3.2
3.3
--
--
--
Available Voltage Version
EN1
EN2
VOUT2
VOUT1
RT9012
GND
VIN
1uF
V
OUT1
1uF
V
OUT2
1uF
V
IN
POR
SET
Chip Enable
C
DELAY
100K
C
IN
C
OUT1
C
OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com