Electronic Components Datasheet Search
  English  ▼

X  

CM520813 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM520813
Description  SCR/Diode POW-R-BLOK??Modules 130 Amperes/800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM520813 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM520813 Datasheet HTML 1Page - Powerex Power Semiconductors CM520813 Datasheet HTML 2Page - Powerex Power Semiconductors CM520813 Datasheet HTML 3Page - Powerex Power Semiconductors CM520813 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SD-27
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CM520813
SCR/Diode POW-R-BLOK™ Modules
130 Amperes/800 Volts
INSTANTANEOUS ON-STATE CURRENT, ITM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
101
102
103
104
Tj = 125
oC
0.4
0.8
1.2
1.6
2.0
2.4
CYCLES AT 60 HZ
MAXIMUM ALLOWABLE PEAK SURGE
(NON-REPETITIVE) CURRENT
0
400
800
1200
1600
2000
2400
2800
3200
100
101
102
MAXIMUM ALLOWABLE CASE TEMPERATURE
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
20
160
100 120 140
40
60
80
50
80
70
60
90
100
110
120
130
= 30o
120o
60o 90o
360
o
RESISTIVE, INDUCTIVE
LOAD PER SINGLE
ELEMENT
180o
MAXIMUM ON-STATE POWER DISSIPATION
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
20
100 120 140 160
40
60
80
0
160
360
o
RESISTIVE,
INDUCTIVE
LOAD PER
SINGLE
ELEMENT
20
40
60
80
100
120
140
= 30o
120o
180o
90o
60o
50
MAXIMUM ALLOWABLE CASE TEMPERATURE
(RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
40
80
120
160
200
60
70
80
90
100
110
120
130
360
o
RESISTIVE, INDUCTIVE
LOAD PER SINGLE
ELEMENT
= 30o 60o
90o
120o
180o
270o
DC
0
MAXIMUM AVERAGE ON-STATE POWER
DISSIPATION (RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
040
80
120
160
200
360
o
RESISTIVE, INDUCTIVE LOAD
PER SINGLE ELEMENT
20
40
60
120
140
80
100
160
180
200
120o
180o
270o
= 30o
60o
90o
DC
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
0
0.050
0.100
0.175
0.250
100
101
0.200
0.225
0.150
0.125
0.075
0.025
10-3
10-2
10-1
100
INSTANTANEOUS GATE CURRENT, IG, (mA)
TRIGGERING
CHARACTERISTICS
10-1
100
101
102
VGFM = 10V
VGT = 3.0V
PGM =
10W
PG(AV) =
3.0W
IGFM =
4.0A
IGT = 100mA
Tj = 25
oC
VGDM = 0.25V
101
102
103
104
MAXIMUM ALLOWABLE CASE TEMPERATURE
(REVERSE PARALLEL CONNECTION)
040
80 120 160 200 240 280 320
360
o
RESISTIVE,
INDUCTIVE LOAD
RMS ON-STATE CURRENT, I(RMS), (AMPERES)
60
70
80
90
130
100
110
120
50
NOTE: THE CURVES INDICATE THE
RELATIONSHIP BETWEEN THE CASE
TEMPERATURE AND THE RMS
ON-STATE CURRENT FOR
EACH MODULE.
60o
90o
120o
= 30o
180o



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com