Electronic Components Datasheet Search
  English  ▼

X  

RT9133APF Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9133APF
Description  Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9133APF Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9133APF Datasheet HTML 1Page - Richtek Technology Corporation RT9133APF Datasheet HTML 2Page - Richtek Technology Corporation RT9133APF Datasheet HTML 3Page - Richtek Technology Corporation RT9133APF Datasheet HTML 4Page - Richtek Technology Corporation RT9133APF Datasheet HTML 5Page - Richtek Technology Corporation RT9133APF Datasheet HTML 6Page - Richtek Technology Corporation RT9133APF Datasheet HTML 7Page - Richtek Technology Corporation RT9133APF Datasheet HTML 8Page - Richtek Technology Corporation RT9133APF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9133A/B
Preliminary
3
DS9133A/B-04 August 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Voltage --------------------------------------------------------------------------------------------------------- 17V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 500mW
WDFN-6L 2x2 ---------------------------------------------------------------------------------------------------------- 758mW
MSOP-8 ----------------------------------------------------------------------------------------------------------------- 781mW
Package Thermal Resistance (Note 4)
SOT-23-5,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
WDFN-6L 2x2,
θJA ----------------------------------------------------------------------------------------------------- 165°C/W
MSOP-8,
θJA------------------------------------------------------------------------------------------------------------ 160°C/W
Differential Input Voltage --------------------------------------------------------------------------------------------- VS
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to +150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
Input Voltage ------------------------------------------------------------------------------------------------------------
−0.5V to Vs+0.5V
Junction Temperature Range ----------------------------------------------------------------------------------------
−65°C to +150°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to +85°C
Note 1. Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board (single layer,
1S) of JEDEC 51-3 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com