Electronic Components Datasheet Search
  English  ▼

X  

3610 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 3610
Description  Graphite Brush
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

3610 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  3610 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Download datasheet: https://assunmotor.com/documents-download
For more combination specs, visit Assun Motor werbsite.
Encoder S: AM-EN 11S***
2~3 Channels
Planetary Gearbox:
AM- GP
968
DC BRUSHED CORELESS MOTOR
Graphite Brush
AM-CL2968GAE Series
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
0 6
预压
L1:26GP
L1:28GP
L1:32GP
1210
268
9.8
818
11.7
35.3
3.6
0.094
0.14
255.7
997.7
85714
5100
9233
56.7
9790
12
240
54.8
1810
268
9
545
17.5
35.3
3.3
0.29
90
277.9
1085.3
62069
3700
9221
62.1
9780
18
160
59.9
2410
268
7.9
409
23.3
35.3
2.9
0.45
91
318.6
1241.6
53333
3000
9270
67.2
9800
24
120
65.2
3610
268
8.5
272
35.1
35.3
3.1
1.1
90
293.1
1147.1
32727
1900
9216
63.9
9760
36
80
61.7
4810
268
7.9
204
46.8
35.3
2.9
1.8
90
318.4
1243.7
26667
62.9
1450
9271
64.8
9780
48
65
6010
9770
8.1
268
58.5
163
3
35.3
2.9
308.7
90
20690
1206.9
60.4
62.3
9266
60
1120
55
90
Standard rear shaft diameter:
4 mm
Standard rear shaft length ”L”:
0/3.7/5.5 mm
N/A
N/A
N/A
N/A
N/A
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 3610

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3610 BOURNS-3610 Datasheet
134Kb / 1P
10-Turn Precision Knobpot
3610 BOURNS-3610 Datasheet
178Kb / 2P
10-Turn Precision Knobpot
logo
List of Unclassifed Man...
3610 ETC2-3610 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Heyco.
3610 HEYCO-3610 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
ASSUN MOTOR Pte Ltd.
3610 ASSUN-3610 Datasheet
328Kb / 1P
STANDARD SERIES
2024-A
More results

Similar Description - 3610

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS182310XX PANASONIC-EYGS182310XX Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
logo
Wurth Elektronik GmbH &...
407160016150 WURTH-407160016150 Datasheet
298Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
logo
T-Global Technology
T62 TGLOBAL-T62 Datasheet
334Kb / 1P
T62 Natural Graphite Sheet
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
T68 Artificial Graphite Sheet
T69-100 TGLOBAL-T69-100 Datasheet
817Kb / 2P
T69-100 Graphite Sheets
T69-17 TGLOBAL-T69-17 Datasheet
815Kb / 2P
T69-17 Graphite Sheets
T69-25 TGLOBAL-T69-25 Datasheet
817Kb / 2P
T69-25 Graphite Sheets
T69-40 TGLOBAL-T69-40 Datasheet
817Kb / 2P
T69-40 Graphite Sheets
T69-50 TGLOBAL-T69-50 Datasheet
817Kb / 2P
T69-50 Graphite Sheets
T69-70 TGLOBAL-T69-70 Datasheet
817Kb / 2P
T69-70 Graphite Sheets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com