Electronic Components Datasheet Search
  English  ▼

X  

CM521213 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CM521213
Description  SCR/Diode POW-R-BLOK??Modules 130 Amperes/1200-1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM521213 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM521213 Datasheet HTML 1Page - Powerex Power Semiconductors CM521213 Datasheet HTML 2Page - Powerex Power Semiconductors CM521213 Datasheet HTML 3Page - Powerex Power Semiconductors CM521213 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD-30
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CM521213, CM521613
SCR/Diode POW-R-BLOK™ Modules
130 Amperes/1200-1600 Volts
Absolute Maximum Ratings
Characteristics
Symbol
CM521213
CM521613
Units
Peak Forward Blocking Voltage
VDRM
1200
1600
Volts
Transient Peak Forward Blocking Voltage (Non-Repetitive), t < 5ms
VDSM
1350
1700
Volts
DC Forward Blocking Voltage
VD(DC)
960
1280
Volts
Peak Reverse Blocking Voltage
VRRM
1200
1600
Volts
Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms
VRSM
1350
1700
Volts
DC Reverse Blocking Voltage
VR(DC)
960
1280
Volts
RMS On-State Current
IT(RMS), IF(RMS)
205
205
Amperes
Average On-State Current, TC = 78°C
IT(AV), IF(AV)
130
130
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
ITSM, IFSM
2600
2600
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz)
ITSM, IFSM
2365
2365
Amperes
I2t (for Fusing), 8.3 milliseconds
I2t
28000
28000
A2sec
Critical Rate-of-Rise of On-State Current*
di/dt
100
100
Amperes/ s
Peak Gate Power Dissipation
PGM
10
10
Watts
Average Gate Power Dissipation
PG(AV)
3.0
3.0
Watts
Peak Forward Gate Voltage
VGFM
10
10
Volts
Peak Reverse Gate Voltage
VGRM
5.0
5.0
Volts
Peak Forward Gate Current
IGFM
4.0
4.0
Amperes
Storage Temperature
TSTG
-40 to 125
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
-40 to 125
°C
Maximum Mounting Torque M6 Mounting Screw
—
26
26
in.-lb.
Maximum Mounting Torque M8 Terminal Screw
—
72
72
in.-lb.
Module Weight (Typical)
—
300
300
Grams
V Isolation
VRMS
2500
2500
Volts
*Tj = 125°C, IG = 1.0A, VD = 1/2 VDRM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com